Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

801-059 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 801-059
Description  Mighty Mouse Hermetic Receptacle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-059 Datasheet(HTML) 2 Page - Glenair, Inc.

  801-059 Datasheet HTML 1Page - Glenair, Inc. 801-059 Datasheet HTML 2Page - Glenair, Inc. 801-059 Datasheet HTML 3Page - Glenair, Inc. 801-059 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
C-54
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
C
DIMENSIONS
Shell
Size
B
Thread
Ø C
D Sq
Ø N
Ø P
In.
±.003
mm.
± 0.08
In.
mm.
In.
mm.
In.
mm.
6
.3750-.05P-.1L-2A
.750 19.05
.590 14.99
.330
8.38
.236
6.20
7
.4375-.05P-.1L-2A
.850 21.59
.650 16.51
.432 10.97
.324
8.38
8
.5000-.05P-.1L-2A
.938 23.83
.712 18.08
.493 12.52
.390 10.97
9
.5625-.05P-.1L-2A
1.125 28.56
.850 21.59
.551 14.00
.444 12.52
10
.6250-.05P-.1L-2A
1.188 30.18
.890 22.61
.620 15.75
.520 14.00
11
.6875-.05P-.1L-2A
1.250 31.75
.935 23.75
.662 16.81
.557 15.75
13
.8125-.1P-.2L-2A
1.375 34.93 1.030 26.16
.703 17.86
.596 17.86
16
1.0000-.1P-.2L-2A
1.625 41.28 1.219 30.96
.863 21.92
.756 21.92
17
1.0625-.1P-.2L-2A
1.700 43.18 1.280 32.51
.912 23.16
.805 23.16
19
1.8750-.1P-.2L-2A
1.900 48.26 1.432 36.37 1.018 25.86
.910 29.72
21
1.3125-.1P-.2L-2A
2.100 53.34 1.565 39.75 1.170 29.72 1.061 26.95
KEY
POSITIONS
A°
B°
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
E
75°
275°
F
95°
210°
B°
A°
5
4
3
2
1
.335 (8.51)
Cable
Adapter
Crimp
Ring
1.025 (26.04)
Max
D Sq
Typ
.060 (1.52)
4 X .025 (0.64) H
X .080 (2.03) W
E BSC
Typ
4 X Ø F Thru
Ø C
B Thread
Ø N
Ø P
Co-Ax
Pin
See Note 3
801-059-02
Series 801 Mighty Mouse Hermetic Receptacle
Quick Coupling • Square Flange • Co-Ax Pins
Connector Dimensions
SERIES 801 PANEL CUTOUT
Shell
Size
Ø A
E BSC
Ø F
In
mm.
In
mm.
In
mm.
6
.455 11.56
.423
9.22
.096
.091
2.44
2.31
7
.520 13.21
.483 12.27
8
.580 14.73
.545 13.84
9
.645 16.38
.607 15.42
.130
.126
3.30
3.20
10
.705
17.91
.670 17.02
11
.770 19.56
.715 18.16
13
.895 22.73
.812 20.62
16
1.080 27.43
.981 24.92
17
1.145 29.08 1.060 26.92
19
1.283 32.59 1.191 30.25
21
1.415 35.94 1.322 33.58
E BSC
ØA
ØF±.003 (0.080)
Square Flange Panel Mount Hermetic
801-059-02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com