Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

801-059 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 801-059
Description  Mighty Mouse Hermetic Receptacle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-059 Datasheet(HTML) 3 Page - Glenair, Inc.

  801-059 Datasheet HTML 1Page - Glenair, Inc. 801-059 Datasheet HTML 2Page - Glenair, Inc. 801-059 Datasheet HTML 3Page - Glenair, Inc. 801-059 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
C-55
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
C
Solder Mount Hermetic
801-059-03
DIMENSIONS
Shell
Size
Ø A
B
Thread
Ø N
Ø M
Panel
Cutout
In.
mm.
In.
mm.
In.
mm.
6
.455 11.56
.3750-.05P-.1L-2A
.330
8.38
.448 11.38
7
.520 13.21
.4375-.05P-.1L-2A
.432 10.97
.573 14.55
8
.580 14.73
.5000-.05P-.1L-2A
.493 12.52
.573 14.55
9
.645 16.38
.5625-.05P-.1L-2A
.551 14.00
.635 16.13
10
.705
17.91
.6250-.05P-.1L-2A
.620 15.75
.698 17.73
11
.770 19.56
.6875-.05P-.1L-2A
.662 16.81
.760 19.30
13
.895 22.73
.8125-.1P-.2L-2A
.703 17.86
.885 22.48
16
1.080 29.08
1.0000-.1P-.2L-2A
.863 21.92 1.075 27.31
17
1.145 29.08
1.0625-.1P-.2L-2A
.912 23.16 1.135 28.83
19
1.283 32.59
1.8750-.1P-.2L-2A
1.018 25.86 1.260 32.00
21
1.415 35.94
1.3125-.1P-.2L-2A
1.170 29.72 1.385 68.83
KEY
POSITIONS
A°
B°
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
E
75°
275°
F
95°
210°
B°
A°
A
.013
(0.33)
View A
For Size 6 Only
30°
1 2
3
4
5
1.025 (26.04)
Max
.039 (0.99)
Ø A
Ø N
B Thread
Co-Ax
Pin
.335 (8.51)
Cable
Adapter
Crimp
Ring
4 X .025 (0.64) H
X .080 (2.03) W
Ø P
See Note 3
801-059-03
Series 801 Mighty Mouse Hermetic Receptacle
Quick Coupling • Solder Mount • Co-Ax Pins
Connector Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com