Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

801-059 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 801-059
Description  Mighty Mouse Hermetic Receptacle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-059 Datasheet(HTML) 1 Page - Glenair, Inc.

  801-059 Datasheet HTML 1Page - Glenair, Inc. 801-059 Datasheet HTML 2Page - Glenair, Inc. 801-059 Datasheet HTML 3Page - Glenair, Inc. 801-059 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
C-53
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
C
Series 801 Solder Mount Hermetic
Series 801 Hermetic Receptacles
feature 304L stainless steel shells,
fused vitreous glass insulators and
Alloy 52 iron alloy contacts.
1 X 10-7 cc/second maximum helium
leak rate.
HOW TO ORDER
Sample Part Number
801-059 -03
Z1
16-5
P
A
-02
Series
Shell Style
Shell Material
/ Finish
Shell Size/Insert
Arrangement
Contact
Type
Shell Key Position
Cable
Attachment
801-059
Hermetic
Receptacle,
Quick
Coupling,
Co-Ax
Pins
-02
Square
Flange
-03
Solder
Mount
-07
Jam Nut
Rear Mount
Only
Z1
Stainless Steel /
Passivated
ZB
Stainless Steel /
Olive Drab
Chromate over
Cadmium
ZC
Stainless Steel /
Zinc Cobalt
Alloy/Black
Chromate
ZL
Stainless Steel /
Nickel Plated
*Titanium and
Inconel® shell
materials are
available.
Consult factory
for ordering
information.
See Page C-4 for
Contact
Arrangements
P
Co-Ax
Pin
A
Normal
B
Pos. B
C
Pos. C
D
Pos. D
E
Pos. E
F
Pos. F
B°
A°
A°
B°
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
E
75°
275°
F
95°
210°
Cables
Accommodated:
-01
M17/113-RG316
-02
M17/152-00001
(RG316DS)
-03
M17/93-RG178
-04
RG-178 Double
Shield per
DSCC 06017
-05
M17/94-RG179
Note:
Each connector
is supplied with
sufficient cable
adapters and crimp
rings to terminate
appropriate cable
for insertion into
contact rear. After
cable is terminated
and adapter
inserted into contact
rear, the rear of
the connector must
be potted to cover
adapters.
Three Shell Styles: solder mount,
jam nut or square flange.
Cable Adapters with Crimp Rings
provided with each connector for
reliable cable termination.
801-059
Series 801 Mighty Mouse Hermetic Receptacle
Quick Coupling • Co-Ax Pins
How to Order Information


Similar Part No. - 801-059

ManufacturerPart #DatasheetDescription
logo
EAO AG.
801-000-00 EAO-801-000-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
801-000-0P EAO-801-000-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
logo
E&E Magnetic Products L...
801-00010 EEMAGNETIC-801-00010 Datasheet
120Kb / 3P
Single through hole models
801-00024 EEMAGNETIC-801-00024 Datasheet
120Kb / 3P
Single through hole models
801-00025 EEMAGNETIC-801-00025 Datasheet
120Kb / 3P
Single through hole models
More results

Similar Description - 801-059

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-800 GLENAIR-240-800 Datasheet
398Kb / 4P
Mighty Mouse Filter Receptacle Connector
850-013 GLENAIR-850-013 Datasheet
355Kb / 2P
Mighty Mouse Connectors
852-042 GLENAIR-852-042 Datasheet
355Kb / 2P
Mighty Mouse Connectors
852-056 GLENAIR-852-056 Datasheet
494Kb / 2P
Mighty Mouse Connectors
800-013 GLENAIR-800-013 Datasheet
313Kb / 4P
Mighty Mouse Hermetic Receptacles
801-009 GLENAIR-801-009 Datasheet
173Kb / 1P
Jam Nut Mighty Mouse Receptacle with Size
801-012 GLENAIR-801-012 Datasheet
393Kb / 5P
Mighty Mouse Hermetic Receptacle
803-006 GLENAIR-803-006 Datasheet
221Kb / 2P
Mighty Mouse Hermetic Receptacles
804-006 GLENAIR-804-006 Datasheet
316Kb / 3P
Mighty Mouse Hermetic Receptacles
805-061 GLENAIR-805-061 Datasheet
150Kb / 1P
Mighty Mouse Cobra
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com