Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4428IS Datasheet(PDF) 14 Page - Micro Linear Corporation

Part # ML4428IS
Description  Sensorless Smart-Start??BLDC PWM Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4428IS Datasheet(HTML) 14 Page - Micro Linear Corporation

Back Button ML4428IS Datasheet HTML 8Page - Micro Linear Corporation ML4428IS Datasheet HTML 9Page - Micro Linear Corporation ML4428IS Datasheet HTML 10Page - Micro Linear Corporation ML4428IS Datasheet HTML 11Page - Micro Linear Corporation ML4428IS Datasheet HTML 12Page - Micro Linear Corporation ML4428IS Datasheet HTML 13Page - Micro Linear Corporation ML4428IS Datasheet HTML 14Page - Micro Linear Corporation ML4428IS Datasheet HTML 15Page - Micro Linear Corporation ML4428IS Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
ML4428
Figure 11. ML4428 High Voltage Motor Driver: 12V to 500V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ISNS
P1
P2
P3
CSC
CPWM
VREF
VSPEED
N1
N2
N3
F/R
VCO
VCC
GND
RREF
COS
BRAKE
PHI3
PHI2
PHI1
CISC
RCVCO
RINIT
VFLT
CSNS
RVCO
CVCO
ML4428
750pF
10k
Ω
2k
Ω
80k
Ω
1
µF
10
µF
RUN
BRAKE
PWR FAIL
5.11k
Ω
5.11k
Ω
5.11k
Ω
0.01
µF
120k
Ω
MOTOR
330pF
1k
Ω
12k
Ω
1nF
10
µF
0.1
µF
VSPEED
787
Ω
10k
Ω
VCO
FWD/REVERSE
+12V
25V
1
µF
0.1
µF
0.01
µF
100
Ω
100
Ω
100
Ω
IRF720
IRF720
IRF720
PH3
PH2
PH1
330
µF
400V
IRF720
IRF720
IRF720
VMOTOR
25V
2.2
µF
100
Ω
1
2
3
4
8
7
6
5
VCC
IN
COM
N/C
VB
HO
VS
N/C
IR2118
MUR150
+12V
25V
2.2
µF
25V
0.1
µF
25V
0.1
µF
25V
0.1
µF
100
Ω
1
2
3
4
8
7
6
5
VCC
IN
COM
N/C
VB
HO
VS
N/C
IR2118
MUR150
25V
2.2
µF
100
Ω
1
2
3
4
8
7
6
5
VCC
IN
COM
N/C
VB
HO
VS
N/C
IR2118
MUR150
RSENSE
300M
Ω
10W
0.01
µF
5.6nF
2M
Ω
Note: Refer to IK2118 data sheet for
complete information on using
this part with different FETs
and IGBTs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com