Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4428IS Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4428IS
Description  Sensorless Smart-Start??BLDC PWM Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4428IS Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4428IS Datasheet HTML 1Page - Micro Linear Corporation ML4428IS Datasheet HTML 2Page - Micro Linear Corporation ML4428IS Datasheet HTML 3Page - Micro Linear Corporation ML4428IS Datasheet HTML 4Page - Micro Linear Corporation ML4428IS Datasheet HTML 5Page - Micro Linear Corporation ML4428IS Datasheet HTML 6Page - Micro Linear Corporation ML4428IS Datasheet HTML 7Page - Micro Linear Corporation ML4428IS Datasheet HTML 8Page - Micro Linear Corporation ML4428IS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
ML4428
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Drivers
VP High
IP = –10µA
VCC – 1.2
V
VP Low
0.7
1.2
V
Ip Low
VP = 1V
0°C to 70°C
2.5
4
6
mA
–40°C to 85°C
1.5
4
6
mA
P Comparator Threshold
VCC – 3.0
V
VN High
VPIN12 = 0V
VCC – 1.2
V
VN Low
IN = 1mA
0.7
1.2
V
N Comparator Threshold
3V
Speed Control
fPWM
COSC = 1nF
20
25
36
kHz
gm Current
±160
µA
CSC Positive Clamp
2.9
3.1
3.35
V
CISC Positive Clamp
5.2
5.5
5.6
V
CISC Negative Clamp
1.2
1.7
1.9
V
VREF
5.5
5.9
6.5
V
Supply
VCC Current
18
25
32
mA
Note 1: Limits are guaranteed by 100% testing, sampling or correlation with worst case test conditions.
Note 2: F/R and BRAKE have internal 17k
W pull-up resistors to an internal 5V reference.
Note 3: VFLT and VCO have internal 4.3kW pull-up resistors to an internal 5V reference.
Note 4: For explanation of states, see Figure 6 and Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com