Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4428IS Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4428IS
Description  Sensorless Smart-Start??BLDC PWM Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4428IS Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4428IS Datasheet HTML 4Page - Micro Linear Corporation ML4428IS Datasheet HTML 5Page - Micro Linear Corporation ML4428IS Datasheet HTML 6Page - Micro Linear Corporation ML4428IS Datasheet HTML 7Page - Micro Linear Corporation ML4428IS Datasheet HTML 8Page - Micro Linear Corporation ML4428IS Datasheet HTML 9Page - Micro Linear Corporation ML4428IS Datasheet HTML 10Page - Micro Linear Corporation ML4428IS Datasheet HTML 11Page - Micro Linear Corporation ML4428IS Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
ML4428
CVCO
As given in the section on the VCO and phase detector:
C
N RPM
VCO
MAX
=
×
×
−
2931 10
6
Where N is the number of poles in the motor, and RPM is
the motor’s maximum operating speed in revolutions per
minute.
CPWM
This capacitor sets the PWM ramp oscillator frequency.
This is the PWM “switching frequency”. If this value is too
low, <20kHz, then magnetostriction effects in the motor
may cause audible noise. If this frequency is too high,
>30kHz, then the switching losses in the output drivers
may become a problem. 25kHz should be a good
compromise for this value, which can be obtained by
using a 1nF capacitor.
RVCO AND RREF
RVCO should be 10k and RREF should be 120k for normal
operation.
VCO FILTER
See the section on the VCO and Phase detector for
information on these components.
VCO AND PHASE DETECTOR CALCULATIONS
The VCO should be set so that at the maximum frequency
of operation (the running speed of the motor) the VCO
control voltage will be no higher than VREF, or 6V. The
VCO maximum frequency will be:
F
N RPM
MAX
MAX
=× ×
005
.
where N is the number of poles on the motor and
RPMMAX is the maximum motor speed in Revolutions Per
Minute.
The minimum VCO gain derived from the specification
table (using the minimum FVCO at VVCO = 6V) is:
K
C
VCO MIN
VCO
()
.
=
× −
2 665 10
5
Assuming that the VVCO(MAX) = 5.5V, then
C
F
VCO
MAX
=
×× −
5 5 2 665 10
5
..
or
C
N RPM
VCO
MAX
=
×
×
−
2931 10
6
Figure 4. Back-EMF Phase Locked Loop Components.
R
C1
C2
VCO
–
+
ZRC
RCVCO
FOUT
KVCO(Hz/sec/V)
Gm = 0.23m
SAMPLED
PHASE
BEMF
SAMPLER
ROTOR
PHASE
A/RADIAN
gm = 0.23mA/V
Ke
× ω × Atten
2
× π
PHASE DETECTOR
(R
× C2 × s + 1)
s
× (C2 + R × C1 × s × C2 + C1)
LOOP FILTER
2.665
× 10–5
CVCO × s
× 2 × π
VCO
RADIAN/sec/V
V/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com