Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4428IS Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4428IS
Description  Sensorless Smart-Start??BLDC PWM Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4428IS Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4428IS Datasheet HTML 1Page - Micro Linear Corporation ML4428IS Datasheet HTML 2Page - Micro Linear Corporation ML4428IS Datasheet HTML 3Page - Micro Linear Corporation ML4428IS Datasheet HTML 4Page - Micro Linear Corporation ML4428IS Datasheet HTML 5Page - Micro Linear Corporation ML4428IS Datasheet HTML 6Page - Micro Linear Corporation ML4428IS Datasheet HTML 7Page - Micro Linear Corporation ML4428IS Datasheet HTML 8Page - Micro Linear Corporation ML4428IS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 1997
PRELIMINARY
ML4428*
Sensorless Smart-Start™ BLDC PWM Motor Controller
GENERAL DESCRIPTION
The ML4428 motor controller provides all of the functions
necessary for starting and controlling the speed of delta or
wye-wound Brushless DC (BLDC) Motors without the need
for Hall Effect sensors.
Back-EMF voltage is sensed from the motor windings to
determine the proper commutation phase sequence using
PLL techniques. The patented back-EMF sensing technique
used will commutate virtually any 3-phase BLDC motor that
has at least a 30% variation in inductance during rotation
and is insensitive to PWM noise and motor snubbing
circuitry.
The ML4428 also utilizes a patented start-up technique
which samples the rotor position and applies the proper
drive to accelerate the motor. This ensures no reverse
rotation at start-up and reduces total start-up time.
1
FEATURES
s
Stand-alone operation with forward and reverse
s
On-board start sequence: Sense Position
Æ Drive Æ
Accelerate
Æ Set Speed
s
No backward movement at start-up
s
Patented back-EMF commutation technique
s
Simple variable speed control with on-board reference
s
Single external resistor sets all critical currents
s
PWM control for maximum efficiency or linear control
for minimum noise
s
12V operation provides direct FET drive for 12V motors
s
Drives high voltage motors with high side FET drivers
s
Guaranteed no shoot-through when driving external
FET gates directly
* Some Packages Are End Of Life
BLOCK DIAGRAM/TYPICAL APPLICATION
18
13
22
23
24
2
3
4
10
11
9
9V POWER FAIL
BACK-EMF
SAMPLER
HIGH SIDE
GATE DRIVE
LOW SIDE
GATE DRIVE
VFLT
VCO
PHI1
PHI2
PHI3
P1
P2
P3
N1
N2
N3
28
GND
PWM CURRENT
CONTROL
AND ONE SHOT
1
ISNS
26
CIOS
START-UP
AND
COMMUTATION
LOGIC
17
CSNS
25
BRAKE
8
6V
REF
7
27
PWM
SPEED
CONTROL
VSPEED
VREF
RREF
CPWM
CSC
5
6
VCO
16
15
RVCO
CVCO
20
RCVCO
14
VCC
12
F/R
19
RINIT
CISC
21
+
–
0.6V
RUN


Similar Part No. - ML4428IS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4420CS MICRO-LINEAR-ML4420CS Datasheet
2Mb / 14P
ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4423 MICRO-LINEAR-ML4423 Datasheet
220Kb / 10P
1, 2, or 3-Phase Variable Speed AC Motor Controller
ML4423CP MICRO-LINEAR-ML4423CP Datasheet
220Kb / 10P
1, 2, or 3-Phase Variable Speed AC Motor Controller
ML4423CS MICRO-LINEAR-ML4423CS Datasheet
220Kb / 10P
1, 2, or 3-Phase Variable Speed AC Motor Controller
More results

Similar Description - ML4428IS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
Sensorless BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
Sensorless BLDC Motor Controller
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
Bi-directional Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
Automotive, Sensorless BLDC Controller
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
Sensorless BLDC Controller
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
Sensorless BLDC Controller
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
Sensorless Sinusoidal Drive BLDC Controller
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
3-Phase Sensorless BLDC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com