Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP223 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
20
The following table has listed the status bits and meanings of external power registers:
Register Status Bits
Description
REG00_[7]
Indicating the presence of external ACIN
REG00_[6]
Indicating whether the external ACIN is usable or not
REG00_[5]
Indicating the presence of external VBUS
REG00_[4]
Indicating whether the external VBUS is usable or not
REG00_[3]
Indicating whether the VBUS voltage is above VHOLD when used
REG00_[1]
Indicating whether ACIN/VBUS short circuits on PCB or not
REG00_[0]
Indicating whether the system is triggered to startup by ACIN/VBUS
or not
“
The status bit of “indicating whether the VBUS voltage is above VHOLD or not when used” enables the Host to
judge when it receives IRQ7(indicating weak supply ability)whether VBUS is pulled low by system load input or the
external power itself is below VHOLD, which may facilitate Host software to decide either to keep on working in
Voltage-Limit mode or switch to Direct mode.
9.2.3.
When to Select VBUS as Input Power
N_VBUSEN and register REG30H[7]、REG30_[2]、REG8F_[4] is used to determined when shall VBUS be used
as power supply :
REG30_[7]
REG8F_[4]
N_VBUSEN
REG30H[2]
YES/NO
0
0
High
0
No
0
0
Low
1
Yes
0
1
High
X
No
0
1
Low
X
Yes
1
X
X
X
Yes
Note: X represents any state and any value
9.2.4.
Low-Power Protection (Automatic Power off)
With AXP223, the value of VOFF(automatic shutdown voltage) can be set,If the system power is found ALDOIN is lower than VOFF,
AXP223 will automatically enter Shutdown Mode,and disable all other outputs except VCC-RTC.
The default value of VOFF
can set in register REG31H Bit[2:0] .
9.2.5.
Over-Voltage Protection
If the external power voltage exceeds 6.3V, AXP223 will release IRQ1/4 for indication. If the external power voltage exceeds 7V,
AXP223 will automatically shutdown the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com