Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP223 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 47Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 48Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
45
10.2.39. REG 85H:TS ADC Sample Rate Setting
Default Value :00H
Bit
Description
R/W
Default
Value
7
TS ADC
sample rate setting 1
10×2
n
sample rate is 100, 200, 400, 800Hz
RW
0
6
TS ADC
sample rate setting 0
RW
0
5-0
Reserved and unchangeable
10.2.40. REG 8AH: Timer Control
Default Value :00H
Bit
Description
R/W
Default
Value
7
The timer is timeout
Write “1” to clear the status.
RW
0
6-0
Set the time,unit: minute
Write full 0 to shutdown the timer.
RW
0000000
10.2.41. REG 8CH:PWREN Control Setting 1
Default Value :00H
Bit
Description
R/W
Default
Value
7
DCDC1 Whether control by PWREN
0:NO 1:Yes
RW
0
6
DCDC2 Whether control by PWREN
RW
0
5
DCDC3 Whether control by PWREN
RW
0
4
DCDC4 Whether control by PWREN
RW
0
3
DCDC5 Whether control by PWREN
RW
0
2
ALDO1 Whether control by PWREN
RW
0
1
ALDO2 Whether control by PWREN
RW
0
0
ALDO3 Whether control by PWREN
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com