Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP223 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
21
9.3. Adaptive Flash Charger
AXP223 integrates a adaptive Flash charger to automatically control the charge cycle, with a built-in safety clock capable of automatic
charge termination without processor intervention. This charger features automatic charge current scaling in accordance with the system
power consumption, as well as battery detection, trickle charge and activation. In addition, the built-in temperature detection circuit can
automatically decrease the charge current when the temperature is too high or too low.
9.3.1.
Adaptive Charge Startup
The default state of the charger is “Enable”. (It can be programmed via registers. Refer to register REG33H.) When
external power is plugged in, AXP223 will firstly judge whether it is chargeable. If the charger is suitable for the power, and
the charge function is usable, AXP223 will automatically start the charge, and send IRQ to Host for indication. At the same
time, GHGLED pin will output low level to drive external LED to indicate the charging state.
Charge Voltage/Current:
9.3.2.
Two Symbolic Voltages
VTRGT =charge target voltage. The VTRGT is 4.2V by default, which can be set by register (Refer to“REG33H[6:5]”) . At the same time,
AXP223 will automatically adjust the charge target voltage when external power voltage is low. VRCH=automatic recharge voltage.
VRCH=VTRGT-0.1V.
VRCH=automatic recharge voltage. VRCH=VTRGT-0.1V
9.3.3.
Charge Current
The charge current is 500mAor 1200mA by default, which can be set by REG33H [3:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com