Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP223 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
39
10.2.25. REG 31H: Wakeup control and VOFF Power off Voltage Setting
Default Value :03H
Bit
Description
R/W
Default
Value
7
If PWROK is pulled low in the wake process
0:No
1: Yes
RW
0
6
Soft reboot control, write 1 in this bit then PMU will restart,
and bit is automatically cleared
RW
0
5
software wake control , write 1 in bit then each output will resume, and bit is
automatically cleared
RW
0
4
when enable wakeup function ,if IRQ enable wakeup, if masked in wakeup
process
0:IRQ enable wakeup,and masked in wakeup process
1:IRQ working ,but disable wakeup
RW
0
3
wakeup function enable setting in Sleep mode
0:disable
1:enable
This bit will be automatically cleared to 0 after writing,so “1 ”should be
rewritten whenever enters the Sleep mode.
RW
0
2
V
OFF Set Bit2
000-2.6V
; 001-2.7V; 010-2.8V; 011-
RW
0
1
V
OFF Set Bit1
2.9V
; 100-3.0V; 101-3.1V;
RW
1
0
V
OFF Set Bit0
110-3.2V
; 111-3.3V
RW
1
10.2.26. REG 32H: Shutdown Setting, Battery Detection and CHGLED Pin Control
Default Value :43H
Bit
Description
R/W
Default
Value
7
Shutdown Control
Writing “1” to this bit will disable the AXP223 output,expect RTC and charging
module
RW
0
6
Battery monitoring function setting bit:
0: disable; 1: enable
RW
1
5-4 CHGLED pin function setting
00: high resistance
01: 25% 0.5Hz flicker
10: 25% 2Hz flicker
11: low level output
RW
00
3
CHGLED pin control setting
0: controlled by register REG 32H[5:4]
1: controlled by charging
RW
0
2
Output disable timing control
0: disable at the same time
1: contrary to the startup timing
RW
0
1-0
PWROK start delay time compare
last power output
00: 8ms; 01: 16ms;
10: 32ms; 11: 64ms
RW
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com