Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4803CS-2 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4803CS-2
Description  8-Pin PFC and PWM Controller Combo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4803CS-2 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4803CS-2 Datasheet HTML 3Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 4Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 5Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 6Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 7Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 8Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 9Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 10Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ML4803
7
February 1999
REF
EA
–
+
–
+
OSC
DFF
R
D
Q
Q
CLK
U1
RAMP
CLK
U4
U3
C1
RL
I4
SW2
SW1
+
DC
I1
I2
I3
VIN
L1
VEAO
CMP
U2
RAMP
VEAO
TIME
VSW1
TIME
Figure 3. Typical Leading Edge Control Scheme.
current will ramp up. The effective duty cycle of the
trailing edge modulation is determined during the ON
time of the switch. Figure 2 shows a typical trailing edge
control scheme.
In the case of leading edge modulation, the switch is
turned OFF right at the leading edge of the system clock.
When the modulating ramp reaches the level of the error
amplifier output voltage, the switch will be turned ON.
The effective duty-cycle of the leading edge modulation is
determined during the OFF time of the switch. Figure 3
shows a leading edge control scheme.
One of the advantages of this control technique is that it
requires only one system clock. Switch 1 (SW1) turns OFF
and Switch 2 (SW2) turns ON at the same instant to
minimize the momentary “no-load” period, thus lowering
ripple voltage generated by the switching action. With
such synchronized switching, the ripple voltage of the first
stage is reduced. Calculation and evaluation have shown
that the 120Hz component of the PFC’s output ripple
voltage can be reduced by as much as 30% using this
method, substantially reducing dissipation in the high-
voltage PFC capacitor.
TYPICAL APPLICATIONS
ONE PIN ERROR AMP
The ML4803 utilizes a one pin voltage error amplifier in
the PFC section (VEAO). The error amplifier is in reality a
current sink which forces 35µA through the output
programming resistor. The nominal voltage at the VEAO
pin is 5V. The VEAO voltage range is 4 to 6V. For a
11.3M
W resistor chain to the boost output voltage and 5V
steady state at the VEAO, the boost output voltage would
be 400V.
PROGRAMMING RESISTOR VALUE
Equation 1 calculates the required programming resistor
value.
Rp
VV
I
VV
A
M
BOOST
EAO
PGM
=
−
=
−
=
400
50
35
113
.
.
µ
Ω
(1)
PFC VOLTAGE LOOP COMPENSATION
The voltage-loop bandwidth must be set to less than
120Hz to limit the amount of line current harmonic
distortion. A typical crossover frequency is 30Hz.
Equation 1, for simplicity, assumes that the pole capacitor
dominates the error amplifier gain at the loop unity-gain
frequency. Equation 2 places a pole at the crossover
frequency, providing 45 degrees of phase margin.
Equation 3 places a zero one decade prior to the pole.
Bode plots showing the overall gain and phase are shown
in Figures 5 and 6. Figure 4 displays a simplified model of
the voltage loop.
C
Pin
RV
VEAO C
f
COMP
p
BOOST
OUT
=
××
×
× × ×
∆
2
2
π
16 (2)
C
W
MV
V
F
Hz
COMP =
´´
´
´ ´ ´
300
113
400
0 5
220
2
30
2
..
Wm
p
05
CnF
COMP = 16
LEADING/TRAILING MODULATION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com