Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4803CS-2 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4803CS-2
Description  8-Pin PFC and PWM Controller Combo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4803CS-2 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4803CS-2 Datasheet HTML 5Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 6Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 7Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 8Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 9Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 10Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 11Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 12Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 13Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ML4803
9
February 1999
TYPICAL APPLICATIONS (Continued)
Figure 8. PFC Soft Start
Figure 9. ISENSE Offset for Light Load Conditions
offset voltage to the current sense signal, which forces the
duty cycle to zero at light loads. This offset prevents the
PFC from operating in the DCM and forces pulse-skipping
from CCM to no-duty, avoiding DMC operation. External
filtering to the current sense signal helps to smooth out
the sense signal, expanding the operating range slightly
into the DCM range, but this should be done carefully, as
this filtering also reduces the bandwidth of the signal
feeding the pulse-by-pulse current limit signal. Figure 9
displays a typical circuit for adding offset to ISENSE at
light loads.
PFC Start-Up and Soft Start
During steady state operation VEAO draws 35µA. At start-
up the internal current mirror which sinks this current is
defeated until VCC reaches 12V. This forces the PFC error
voltage to VCC at the time that the IC is enabled. With
leading edge modulation VCC on the VEAO pin forces
zero duty on the PFC output. When selecting external
compensation components and VCC supply circuits VEAO
must not be prevented from reaching 6V prior to VCC
reaching 12V in the turn-on sequence. This will guarantee
that the PFC stage will enter soft-start. Once VCC reaches
12V the 35µA VEAO current sink is enabled. VEAO
compensation components are then discharged by way of
the 35µA current sink until the steady state operating point
is reached. See Figure 8.
PFC SOFT RECOVERY FOLLOWING VCC OVP
The ML4803 assumes that VCC is generated from a source
that is proportional to the PFC output voltage. Once that
source reaches 16.2V the internal current sink tied to the
VEAO pin is disabled just as in the soft start turn-on
sequence. Once disabled, the VEAO pin charges HIGH
by way of the external components until the PFC duty
cycle goes to zero, disabling the PFC. The VCC OVP resets
once the VCC discharges below 16.2V, enabling the
VEAO current sink and discharging the VEAO
compensation components until the steady state operating
point is reached. It should be noted that, as shown in
Figure 8, once the VEAO pin exceeds 6.5V, the internal
ramp is defeated. Because of this, an external Zener can
be installed to reduce the maximum voltage to which the
VEAO pin may rise in a shutdown condition. Clamping
the VEAO pin externally to 7.4V will reduce the time
required for the VEAO pin to recover to its steady state
value.
UVLO
Once VCC reaches 12V both the PFC and PWM are
enabled. The UVLO threshold is 9.1V providing 2.9V of
hysteresis.
GENERATING VCC
An internal clamp limits overvoltage to VCC. This clamp
circuit ensures that the VCC OVP circuitry of the ML4803
will function properly over tolerance and temperature
while protecting the part from voltage transients. This
circuit allows the ML4803 to deliver 15V nominal gate
drive at PWM OUT and PFC OUT, sufficient to drive low-
cost IGBTs.
It is important to limit the current through the Zener to
avoid overheating or destroying it. This can be done with
a single resistor in series with the VCC pin, returned to a
bias supply of typically 14V to 18V. The resistor value
must be chosen to meet the operating current requirement
of the ML4803 itself (4.0mA max) plus the current
required by the two gate driver outputs.
VCC OVP
VCC is assumed to be a voltage proportional to the PFC
output voltage, typically a bootstrap winding off the boost
0
0
200ms/Div.
VBOOST
0
VOUT
VEAO
VCC
10V/div.
10V/div.
10V/div.
200V/div.
0
PFC
GATE
C23
0.01µF
CR16
1N4148
R29
20k
Ω
VCC
RTN
R28
20k
Ω
R4
1k
Ω
C16
1µF
C5
0.0082µF
R19
10k
Ω
ISENSE
R3
0.015
Ω
3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com