Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4803CS-2 Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4803CS-2
Description  8-Pin PFC and PWM Controller Combo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4803CS-2 Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4803CS-2 Datasheet HTML 5Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 6Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 7Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 8Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 9Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 10Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 11Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 12Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 13Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ML4803
10
February 1999
inductor. The VCC OVP comparator senses when this
voltage exceeds 16V, and terminates the PFC output drive
while disabling the VEAO current sink. Once the VEAO
current sink is disabled, the VEAO voltage will charge
unabated, except for a diode clamp to VCC, reducing the
PFC pulse width. Once the VCC rail has decreased to
below 16.2V the VEAO sink will be enabled, discharging
external VEAO compensation components until the steady
state voltage is reached. Given that 15V on VCC
corresponds to 400V on the PFC output, 16V on VCC
corresponds to an OVP level of 426V.
COMPONENT REDUCTION
Components associated with the VRMS and IRMS pins of a
typical PFC controller such as the ML4824 have been
eliminated. The PFC power limit and bandwidth does vary
with line voltage. Double the power can be delivered from
a 220 V AC line versus a 110 V AC line. Since this is a
combination PFC/PWM, the power to the load is limited
by the PWM stage.
Figure 11. ML4803 PFC Control
Figure 10. Typical Peak Current Mode Waveforms
TYPICAL APPLICATIONS (Continued)
VISENSE
VC1 RAMP
GATE
DRIVE
OUTPUT
CZERO
ISENSE
VC1
5V
VI SENSE
GATE
OUTPUT
RCOMP
RP
VOUT = 400V
VEAO
35µA
R1
4
+
–
COMP
–4
3
CCOMP
C1
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com