Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4803CS-2 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4803CS-2
Description  8-Pin PFC and PWM Controller Combo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4803CS-2 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4803CS-2 Datasheet HTML 4Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 5Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 6Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 7Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 8Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 9Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 10Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 11Page - Micro Linear Corporation ML4803CS-2 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ML4803
8
February 1999
Figure 4. Voltage Control Loop
60
40
20
0
–20
–40
–60
FREQUENCY (Hz)
0.1
10
1000
1
100
Power Stage
Overall Gain
Compensation
Network Gain
0
50
100
150
200
FREQUENCY (Hz)
0.1
1
10
1000
100
Power Stage
Overall
Compensation
Network
Figure 5. Voltage Loop Gain
Figure 6. Voltage Loop Phase
50
40
30
20
10
0
VEAO (V)
02
7
5
13
6
4
FF @ –55ºC
TYP @ –55ºC
TYP @ 155ºC
SS @ 155ºC
TYP @ ROOM TEMP
Figure 7. Internal Ramp Current vs. VEAO
R
fC
COMP
COMP
=
´´ ´
1
2
p
(3)
R
Hz
nF
k
COMP =
´´
=
1
628 30
16
330
.
W
C
f
R
ZERO
COMP
=
´´
´
1
2
10
p
(4)
C
Hz
k
F
ZERO =
´´
=
1
6 28 3
330
016
.
.
W
m
INTERNAL VOLTAGE RAMP
The internal ramp current source is programmed by way of
the VEAO pin voltage. Figure 7 displays the internal ramp
current vs. the VEAO voltage. This current source is used
to develop the internal ramp by charging the internal
30pF +12/–10% capacitor. See Figures 10 and 11. The
frequency of the internal programming ramp is set
internally to 67kHz.
PFC CURRENT SENSE FILTERING
In DCM, the input current wave shaping technique used
by the ML4803 could cause the input current to run away.
In order for this technique to be able to operate properly
under DCM, the programming ramp must meet the boost
inductor current down-slope at zero amps. Assuming the
programming ramp is zero under light load, the OFF-time
will be terminated once the inductor current reaches zero.
Subsequently the PFC gate drive is initiated, eliminating
the necessary dead time needed for the DCM mode. This
forces the output to run away until the VCC OVP shuts
down the PFC. This situation is corrected by adding an
TYPICAL APPLICATIONS (Continued)
ML4803
ML4803
IVEAO
35µA
IOUT
VO
220µF
RLOAD
667
Ω
330k
Ω
11.3M
Ω
0.15µF
15nF
POWER
STAGE
COMPENSATION
VEAO
∆VEAO +
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com