Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4811CS Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4811CS
Description  High Frequency Power Supply Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4811CS Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4811CS Datasheet HTML 1Page - Micro Linear Corporation ML4811CS Datasheet HTML 2Page - Micro Linear Corporation ML4811CS Datasheet HTML 3Page - Micro Linear Corporation ML4811CS Datasheet HTML 4Page - Micro Linear Corporation ML4811CS Datasheet HTML 5Page - Micro Linear Corporation ML4811CS Datasheet HTML 6Page - Micro Linear Corporation ML4811CS Datasheet HTML 7Page - Micro Linear Corporation ML4811CS Datasheet HTML 8Page - Micro Linear Corporation ML4811CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
BLOCK DIAGRAM (Pin numbers shown are for ML4811)
May 1997
ML4810
*, ML4811**
High Frequency Power Supply Controller
FEATURES
s
Integrating Soft Start Reset
s
High current (2A peak) dual totem pole outputs
s
Practical operation to 1MHz (fOSC)
s
5.1V
±2% trimmed bandgap reference
s
Under voltage lockout with 7V hysteresis
s
Soft Start Reset Delay (ML4811)
s
Oscillator synchronization function (ML4811)
s
Soft Start latch ensures full soft start cycle
s
Outputs pull low for undervoltage lockout
s
Accurately controlled oscillator ramp discharge current
s
All timing currents “slaved” to RT for precise control
GENERAL DESCRIPTION
The ML4810 and ML4811 High Frequency PWM
Controllers are optimized for use in Switch Mode Power
Supply designs running at frequencies to 1MHz. The
ML4810/11 contain a unique overload protection circuit
which helps to limit stress on the output devices and
reliably performs a soft-start reset. These controllers are
designed to work in either voltage or current mode and
provide for input voltage feed forward.
A 1.1V threshold current limit comparator provides a
cycle-by-cycle current limit. An integrating circuit
“counts” the number of times the 1.1V limit was reached.
A soft-start cycle is initiated if the cycle-by-cycle current
limit is repeatedly activated. A reset delay function is
provided on the ML4811.
These controllers are similar to the UC1825 controller,
* This part is End of Life as of August 1, 2000
however these controllers include many features not
** This part is Obsolete
found on the 1825. These features are set in
Italics.
+
–
RT
OUT A
E/A OUT
ILIM/SD
RC (RESET)
RESET DELAY
INV
SOFT START
1.5V
CLOCK
1.1V
1.1V
5.1V
2.45V
1.1V
I(1)
3
× I(1)
V+
R
POWER VC
POWER GND
P
4V
R
TF.F.
OSC
S
UNDER
VOLTAGE
LOCKOUT
INTERNAL
BIAS
Q
ENABLE
VREF
VREF GEN
9V
Q
Q
C
Q
S
RAMP
CT
CLOCK
PWR VC
OUT B
POWER GND
VCC
GND
NI
6
7
SYNC
10
O.V.P./SHUTDOWN
11
8
3
2
1
12
9
R
Q
S
+
–
+
–
+
–
–
+
4
20
–
+
–
+
2.2V
1.5V VREF
COMP
ERROR
AMP
1.25V
I(1)
V+
I(1) =
3V
16 x RT
5
16
14
17
13
18
15
19


Similar Part No. - ML4811CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
Power Factor Controller
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
Power Factor Controller
logo
Fairchild Semiconductor
ML4812CP FAIRCHILD-ML4812CP Datasheet
348Kb / 16P
Power Factor Controller
logo
Micro Linear Corporatio...
ML4812CP MICRO-LINEAR-ML4812CP Datasheet
215Kb / 16P
Power Factor Controller
logo
Fairchild Semiconductor
ML4812CQ FAIRCHILD-ML4812CQ Datasheet
348Kb / 16P
Power Factor Controller
More results

Similar Description - ML4811CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4823 FAIRCHILD-ML4823 Datasheet
121Kb / 9P
High Frequency Power Supply Controller
logo
Micro Linear Corporatio...
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
High Frequency Power Supply Controller
ML4825 MICRO-LINEAR-ML4825 Datasheet
172Kb / 9P
High Frequency Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
High frequency switching power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
High frequency switching power supply
BDW94C JSMC-BDW94C Datasheet
227Kb / 5P
High frequency switching power supply
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
High frequency switch power supply
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
High frequency switch power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com