Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4821 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4821
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4821 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4821 Datasheet HTML 1Page - Micro Linear Corporation ML4821 Datasheet HTML 2Page - Micro Linear Corporation ML4821 Datasheet HTML 3Page - Micro Linear Corporation ML4821 Datasheet HTML 4Page - Micro Linear Corporation ML4821 Datasheet HTML 5Page - Micro Linear Corporation ML4821 Datasheet HTML 6Page - Micro Linear Corporation ML4821 Datasheet HTML 7Page - Micro Linear Corporation ML4821 Datasheet HTML 8Page - Micro Linear Corporation ML4821 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ML4821
Micro Linear
PIN CONNECTION
ML4821
20-Pin SOIC (S20)
ML4821
18-Pin DIP (P18)
PIN
NAME
FUNCTION
1 (1)
ILIM
Peak cycle-by-cycle current limit input
2 (2)
IA OUT Output and compensation node of the
average current error amplifier
3 (3)
IA–
Inverting input of the average current
error amplifier
4 (4)
IA+
Non-Inverting input of the average
current error amplifier and output of
the gain modulator
5 (5)
ISINE
Gain modulator input
6 (6)
EA OUT Output of output voltage error
amplifier
7 (7)
INV
Inverting input to error amplifier
8 (8)
VRMS
Input for average line voltage
compensation
9 (9)
SOFT
Normally connected to soft start
START
capacitor
PIN
NAME
FUNCTION
10 (12) SYNC
Oscillator synchronization input
11 (13) OVP
Inhibits output pulses when the
voltage at this pin exceeds 5V. Also,
when the voltage at this pin is less
than 0.7V, the IC goes into low current
shut-down mode.
12 (14) RT
Timing resistor for the oscillator
13 (15) PWR
Return for the high current totem
GND
pole output
14 (16) OUT
High current totem pole output
15 (17) VCC
Positive supply for the IC
16 (18) VREF
Buffered output for the 5V voltage
reference
17 (19) CT
Timing capacitor for the oscillator.
18 (20) GND
Analog signal ground
ILIM
IA OUT
IA–
IA+
ISINE
EA OUT
EA–
VRMS
SOFT START
GND
CT
VREF
VCC
OUT
PGND
RT
OVP
SYNC
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
TOP VIEW
ILIM
IA OUT
IA–
IA+
ISINE
EA OUT
EA–
VRMS
SOFT START
N/C
GND
CT
VREF
VCC
OUT
PGND
RT
OVP
SYNC
N/C
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW
PIN DESCRIPTION (Pin numbers in parentheses are for 20-pin packages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com