Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4821 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4821
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4821 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4821 Datasheet HTML 1Page - Micro Linear Corporation ML4821 Datasheet HTML 2Page - Micro Linear Corporation ML4821 Datasheet HTML 3Page - Micro Linear Corporation ML4821 Datasheet HTML 4Page - Micro Linear Corporation ML4821 Datasheet HTML 5Page - Micro Linear Corporation ML4821 Datasheet HTML 6Page - Micro Linear Corporation ML4821 Datasheet HTML 7Page - Micro Linear Corporation ML4821 Datasheet HTML 8Page - Micro Linear Corporation ML4821 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Micro Linear
Micro Linear
May 1997
ML4821
*
Power Factor Controller
1
GENERAL DESCRIPTION
The ML4821 provides complete control for a “boost” type
power factor correction system using the average current
sensing method. Special care has been taken in the design
of the ML4821 to increase system noise immunity. The
circuit includes a precision reference, gain modulator,
average current error amplifier, output error amplifier,
over-voltage protection comparator, shutdown logic, as
well as a high current output. In addition, start-up is
simplified by an under-voltage lockout circuit.
In a typical application, the ML4821 controls the AC input
current by adjusting the pulse width of the output
MOSFET. This modulates the line current so that its shape
conforms to the shape of the input voltage. The reference
for the current regulator is a product of the sinusoidal line
voltage times the output of the error amplifier which is
regulating the output DC voltage. Average line voltage
compensation is provided in the gain modulator to ensure
constant loop gain over a wide input voltage range. This
compensation includes a special “brown-out” control
* Some Packages Are Obsolete
which reduces output power below 90V RMS input.
FEATURES
s
Average current sensing for lowest possible
harmonic distortion
s
Average line compensation with brown-out control
s
Precision buffered 5V reference
s
1A peak current totem-pole output drive
s
Overvoltage comparator eliminates output “runaway”
due to load removal
s
Wide common mode range in current sense
comparators for better noise immunity
s
Large oscillator amplitude for better noise immunity
s
Output driver internally limited to 17V
s
“Sleep mode” shutdown input
BLOCK DIAGRAM
11
1
2
3
4
5
8
6
7
9
16
18
15
14
13
12
10
17
+
–
+
–
–
+
–
+
–
+
–
+
VREF
SOFT START
VREF
EA–
EA OUT
VRMS
ISINE
OUT
GAIN
MODULATOR
IA–
IA+
IA OUT
ILIM
OVP
VREF
0.7V
R
S
Q
UNDER
VOLTAGE
LOCKOUT
OSC
VREF
VLIMIT
17V
GND
VCC
OUT
PGND
RT
SYNC
CT
SLEEP


Similar Part No. - ML4821

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4821 FAIRCHILD-ML4821 Datasheet
106Kb / 12P
Power Factor Controller
ML4821CP FAIRCHILD-ML4821CP Datasheet
106Kb / 12P
Power Factor Controller
ML4821CS FAIRCHILD-ML4821CS Datasheet
106Kb / 12P
Power Factor Controller
More results

Similar Description - ML4821

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
POWER FACTOR CONTROLLER
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
POWER FACTOR CONTROLLER
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
Power Factor Controller
January, 2007 ??Rev. 2
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
Power Factor Controller
October, 2005 ??Rev. 10
logo
Fairchild Semiconductor
SG6961 FAIRCHILD-SG6961 Datasheet
576Kb / 14P
Power Factor Controller
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
Power Factor Controller
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
Power Factor Controller
March, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com