Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4821 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4821
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4821 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4821 Datasheet HTML 1Page - Micro Linear Corporation ML4821 Datasheet HTML 2Page - Micro Linear Corporation ML4821 Datasheet HTML 3Page - Micro Linear Corporation ML4821 Datasheet HTML 4Page - Micro Linear Corporation ML4821 Datasheet HTML 5Page - Micro Linear Corporation ML4821 Datasheet HTML 6Page - Micro Linear Corporation ML4821 Datasheet HTML 7Page - Micro Linear Corporation ML4821 Datasheet HTML 8Page - Micro Linear Corporation ML4821 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
ML4821
Micro Linear
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE ERROR AMPLIFIER (Continued)
Output High Voltage
IPIN6 = –5mA, VPIN7 = 4.8V
7.0
7.5
V
Output Low Voltage
IPIN6 = 0, EA– = 5.5V
0
0.5
V
Unity Gain Bandwidth
1.0
MHz
Soft Start Charge Current
VPIN9 = 4V
–22
–38
–50
µA
CURRENT ERROR AMPLIFIER
Input Offset Voltage
–5
0
5
mV
Input Bias Current
–0.15
–1
µA
Input Offset Current
400
nA
Open Loop Gain
2 < EA OUT < 7V
80
100
dB
PSRR
12V < VCC < 24V
65
85
dB
Output Voltage Low
IOL = 300µA
0
0.5
V
Output Voltage High
IOH = –10mA
7.0
7.5
V
Input Common Mode Range
–0.3
2.5
V
GAIN MODULATOR
Gain
VINV = 4.8V, VRMS = 0V
0.75
1.2
1.3
VINV = 4.8V, VRMS = 1.75V
3.1
3.88
4.5
VINV = 4.8V, VRMS = 2.6V
1.25
1.75
2.15
VINV = 4.8V, VRMS = 5.2V
0.22
0.38
0.50
Output Current
VINV = 5.2V, VRMS = 5.2V
–2
–4
µA
Output Current Limit
VINV = 4.8V, ISINE = 500µA,
VRMS = 1.75V
360
395
420
µA
ILIM COMPARATOR
Input Offset Voltage
+15
mV
Input Bias Current
–100
–200
µA
OVP COMPARATOR
Input Offset Voltage
Output Off
–25
5
mV
Hysteresis
Output On
85
105
130
mV
Input Bias Current
–0.3
–3
µA
Propagation Delay
150
ns
Shutdown Threshold
0.4
0.7
1.0
V
PWM COMPARATOR
Input Common Mode Range
0
8
V
Propagation Delay
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com