Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4821 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4821
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4821 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4821 Datasheet HTML 1Page - Micro Linear Corporation ML4821 Datasheet HTML 2Page - Micro Linear Corporation ML4821 Datasheet HTML 3Page - Micro Linear Corporation ML4821 Datasheet HTML 4Page - Micro Linear Corporation ML4821 Datasheet HTML 5Page - Micro Linear Corporation ML4821 Datasheet HTML 6Page - Micro Linear Corporation ML4821 Datasheet HTML 7Page - Micro Linear Corporation ML4821 Datasheet HTML 8Page - Micro Linear Corporation ML4821 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
ML4821
Micro Linear
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Current (ICC) ................................................ 35mA
OUT Current, Source or Sink .................................... 1.0A
Output Energy (capacitive load per cycle) .................... 5
µJ
ISINE Input Current .................................................. 1.2mA
EA OUT Source Current .......................................... 50mA
Oscillator Charge Current ......................................... 2mA
Input Voltage ...................................... GND –0.3V to 5.5V
Junction Temperature .............................................. 150
°C
Storage Temperature Range ...................... –65
°C to 150°C
Lead Temperature (Soldering 10 sec.) ...................... 260
°C
Thermal Resistance (
θJA)
Plastic DIP ........................................................ 75
°C/W
Plastic SOIC ..................................................... 95
°C/W
OPERATING CONDITIONS
Temperature Range
ML4821CX ................................................. 0
°C to 70°C
ML4821IX .............................................. –40
°C to 85°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, RT = 6.2kΩ, CT = 720pF, TA = Operating Temperature Range, VCC = 15V (Notes 1 & 2).
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
OSCILLATOR
Initial accuracy
TA = 25°C
90
100
110
kHz
Voltage stability
12V < VCC < 18V
1
%
Temperature stability
2%
Total Variation
Line, Temperature
85
115
kHz
Ramp Valley to Peak
4.7
5.2
5.6
V
RT Voltage
4.8
5.0
5.2
V
Discharge Current
CT= 2V, RT = Open
7.8
8.4
9.3
mA
SYNC Input Threshold
1.5
2.0
3.0
V
REFERENCE
Output Voltage
TA = 25°C, IO = 1mA
4.95
5.00
5.05
V
Line regulation
12V < VCC < 24V
2
10
mV
Load regulation
1mA < IO < 20mA
2
15
mV
Temperature stability
.4
%
Total Variation
line, load, temp
4.9
5.1
V
Output Noise Voltage
10Hz to 10kHz
50
µV
Long Term Stability
TA = 125°C, 1000 hrs
5
25
mV
Short Circuit Current
VREF = 0V
–30
–85
–180
mA
VOLTAGE ERROR AMPLIFIER
Input Offset Voltage
0
–15
mV
Input Bias Current
–50
–800
nA
Open Loop Gain
2 < EA OUT < 6V
60
75
dB
PSRR
12V < VCC < 24V
70
100
dB
Output Sink Current
EA OUT = 4V, INV = 5.5V
300
500
µA
Output Source Current
EA OUT = 4.0V, INV = 4.8V
–10
–30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com