Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4819CS Datasheet(PDF) 14 Page - Micro Linear Corporation

Part # ML4819CS
Description  Power Factor and PWM Controller Combo
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4819CS Datasheet(HTML) 14 Page - Micro Linear Corporation

Back Button ML4819CS Datasheet HTML 7Page - Micro Linear Corporation ML4819CS Datasheet HTML 8Page - Micro Linear Corporation ML4819CS Datasheet HTML 9Page - Micro Linear Corporation ML4819CS Datasheet HTML 10Page - Micro Linear Corporation ML4819CS Datasheet HTML 11Page - Micro Linear Corporation ML4819CS Datasheet HTML 12Page - Micro Linear Corporation ML4819CS Datasheet HTML 13Page - Micro Linear Corporation ML4819CS Datasheet HTML 14Page - Micro Linear Corporation ML4819CS Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ML4819
14
Component Values/Bill of Materials for Figure 12
Reference
Description
C1, C3
0.6µF, 630V Film (250 VAC)
C2
330µF 25V Electrolytic
C4
6800pF 1KV Ceramic
C5, C6
1000pF
C7
10µF 35V
C8, C11, C13, C15, C16 1µF Ceramic
C9, C20, C21
0.1µF Ceramic
C10
1500µF 25V Electrolytic
C12, C17
1µF Ceramic
C14
2200 pF
C18
1500µF 16V Electrolytic
C19
4.7µF
D1- D5
1N5406
D6
MUR850
D7, D10
1N4148
D8
3V Zener diode or 4 x 1N4148
in series
D9
MUR110
D11, D12
MUR150
D13
D83-004K
D15
1N4001
D16, D14
1N5818 or 1N5819
F1
5A, 250V, 3AG
L1
2mH, 4A IPEAK
Core: Ferroxcube 4229-3CB
150 Turns #24 AWG
0.150" gap
L2
10
mH
Core: Spang OF 43019 UG00
8 Turns #15AWG gap 0.05"
Q1-Q3
IRF840
Q4, Q5
2N2222
Q6
IRF821
R1
330ký
R2, R31
510ký
R3
5.6ký
Reference
Description
R4
12ký
R5, R7
357ký, 1%
R6
4.57ký, 1%
R8
4.53ký, 1%
R9
27ký
R10, R18
33ký
R11
9 1 ý
R12, R22
1 0 ý
R13, R14
4.7ký
R15
4.3ký
R16
15ký
R17
3 ý
R20
7.5ý
R21,R19
3 k ý
R23
100ý
R24, R25
1 ý
R26
1.5ký
R27
1.2ký
R28
8.66ký, 1%
R29
2.26ký, 1%
R30
2ký, 1W
R32, R33
2 k ý
T1
Spang F41206-TC or
Siemens B64290-K45-X27 or X830 or
Ferroxcube 768T188-38
NS = 80, NP = 1
T2
Same core as T1
NS = NP = 15 bifilar
T3
Core: Ferroxcube 4229-3C8
Pri. 44 Turns #18 Litz wire
Sec. 4 Turns of copper strip
Aux. 2 Turns #24 AWG
U2
MOC8102
U3
TL431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com