Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4819CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4819CS
Description  Power Factor and PWM Controller Combo
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4819CS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4819CS Datasheet HTML 3Page - Micro Linear Corporation ML4819CS Datasheet HTML 4Page - Micro Linear Corporation ML4819CS Datasheet HTML 5Page - Micro Linear Corporation ML4819CS Datasheet HTML 6Page - Micro Linear Corporation ML4819CS Datasheet HTML 7Page - Micro Linear Corporation ML4819CS Datasheet HTML 8Page - Micro Linear Corporation ML4819CS Datasheet HTML 9Page - Micro Linear Corporation ML4819CS Datasheet HTML 10Page - Micro Linear Corporation ML4819CS Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ML4819
7
SLOPE COMPENSATION
Slope compensation is accomplished by adding 1/2 of the
current flowing out of pin 12 to pin 1 (for the PFC section
and pin 9 (for the PWM section). The amount of slope
compensation is equal to (IRAMP COMP/2) ¥ RL where RL is
the impedance to GND on pin 1 or pin 9. Since most of
the PWM applications will be limited to 50% duty cycle,
slope compensation should not be needed for the PWM
section. This can be defeated by using a low impedance
load to the current sense on pin 9.
500
400
300
200
100
0
0
100
200
300
400
500
4.5V
4.0V
3.5V
3.0V
2.5V
2.0V
1. 5V
SINE INPUT CURRENT (µA)
Figure 8. Gain Modulator Linearity
ENABLE
VREF
VREF
GEN.
9V
INTERNAL
BIAS
5V VREF
VCC
–
+
Figure 9. Under-Voltage Lockout Block Diagram
TA = 25 C
40
30
20
10
0
0
102030
40
VCC, SUPPLY VOLTAGE (V)
Figure 10a. Total Supply Current vs. Supply Voltage
START-UP
25
30
35
20
15
10
5
0
0
1020
30405060
70
TEMPERATURE ( C)
OPERATING
CURRENT
Figure 10b. Supply Current (ICC) vs. Temperature
OSC
10
20
12
RT
RSC
VREF
IR(SC)
TO PIN 9
TO PIN 1
IR(SC) " 2
IR(SC) " 2
9V
CT
RAMP COMP
SLOPE
COMPENSATION
Q1
Figure 7. Slope Compensation Circuit
UNDER VOLTAGE LOCKOUT
On power-up the ML4819 remains in the UVLO condition;
output low and quiescent current low. The IC becomes
operational when VCC reaches 16V. When VCC drops
below 10V, the UVLO condition is imposed. During the
UVLO condition, the 5V VREF pin is “off”, making it
usable as a status flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com