Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4819CS Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4819CS
Description  Power Factor and PWM Controller Combo
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4819CS Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4819CS Datasheet HTML 1Page - Micro Linear Corporation ML4819CS Datasheet HTML 2Page - Micro Linear Corporation ML4819CS Datasheet HTML 3Page - Micro Linear Corporation ML4819CS Datasheet HTML 4Page - Micro Linear Corporation ML4819CS Datasheet HTML 5Page - Micro Linear Corporation ML4819CS Datasheet HTML 6Page - Micro Linear Corporation ML4819CS Datasheet HTML 7Page - Micro Linear Corporation ML4819CS Datasheet HTML 8Page - Micro Linear Corporation ML4819CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ML4819
5
FUNCTIONAL DESCRIPTION
OSCILLATOR
The ML4819 oscillator charges the external capacitor (CT)
with a current (ISET) equal to 5/RSET. When the capacitor
voltage reaches the upper threshold, the comparator
changes state and the capacitor discharges to the lower
threshold through Q1. While the capacitor is discharging,
the clock provides a high pulse.
The oscillator period can be described by the following
relationship:
tOSC = tRAMP + tDEADTIME
where:
t=
C(Ramp Valley to Peak)
I
RAMP
SET
and:
t
C(Ramp Valley to Peak)
8.4mA - I
DEADTIME
SET
=
The maximum duty cycle of the PWM section can be
limited by setting a threshold on pin 7. when the CT ramp
is above the threshold at pin 7, the PWM output is held
off and the PWM flip-flop is set:
D
D
(V
- 0.9)
3.4
LIMIT
OSC
PIN7
≅
×
where:
DLIMIT = Desired duty cycle limit
DOSC = Oscillator duty cycle
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
UNDER-VOLTAGE LOCKOUT
Start-Up Threshold
15
16
17
V
Shut-Down Threshold
9
10
11
V
VREF Good Threshold
4.4
V
SUPPLY
Supply Current
Start-Up, VCC = 14V
0.6
1.2
mA
Operating, TJ = 25×C25
35
mA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: VCC is raised above the Start-Up Threshold first to activate the IC, then returned to 15V.
Note 3: PWM comparator bias currents are subtracted from this reading.
Figure 1. Oscillator Block Diagram
RT
ISET
CT
CLOCK
DUTY CYCLE
20
10
ISET
VREF
5V
+5V
TO PWM
LATCH B
TO PWM
LATCHES
8.4mA
Q1
CLOCK
tD
RAMP PEAK
RAMP VALLEY
CT
7
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com