Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4819CS Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML4819CS
Description  Power Factor and PWM Controller Combo
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4819CS Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML4819CS Datasheet HTML 7Page - Micro Linear Corporation ML4819CS Datasheet HTML 8Page - Micro Linear Corporation ML4819CS Datasheet HTML 9Page - Micro Linear Corporation ML4819CS Datasheet HTML 10Page - Micro Linear Corporation ML4819CS Datasheet HTML 11Page - Micro Linear Corporation ML4819CS Datasheet HTML 12Page - Micro Linear Corporation ML4819CS Datasheet HTML 13Page - Micro Linear Corporation ML4819CS Datasheet HTML 14Page - Micro Linear Corporation ML4819CS Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ML4819
11
The value of R9 (pin 3) depends on the selection of R2
(pin 6).
R
V
ImA
k
IN MAX PEAK
SINE PEAK
2
260 1 414
072
510
==
×
=
()
()
.
.
Ω
(12)
R
VR
V
k
k
CLAMP
IN MIN PEAK
9
2
4 8 510
80 1 414
22
>
×
=
×
×
=
()
.
.
Ω
Ω
(13)
Choose R9 = 27k
W
The peak of the inductor current can be found
approximately by:
I
P
V
A
LPEAK
OUT
IN MIN RMS
=
×
=
×
=
1 414
1 414 200
90
314
.
.
.
()
(14)
Next select NC, which depends on the maximum switch
current. Assume 4A for this example. NC is 80 turns.
R
VN
I
CLAMP
C
LPEAK
11
49 80
4
100
=
×
=
×
=Ω
.
(15)
Where R11 is the sense resistor, and VCLAMP is the current
clamp at the inverting input of the PWM comparator. This
clamp is internally set to 5V. In actual application it is a
good idea to assume a value less than 5V to avoid
unwanted current limiting action due to component
tolerances. In this application VCLAMP was chosen as 4.8V.
Having calculated R11 the value SPWM and of R18 can
now be calculated:
S
V
mH
Vs
PWM =
−
×=
µ
380
20
2
100
80
0 225
./
R
R
AS
R
C
R
k
knF
k
SC
PWM
T
T
18
9
18
6
25
2 5 28 8
0 7
0 225 10
14
1
30
=
×
××
×
=
×
××
×
×
≅
.
..
.( .
)
Ω
Ω
(16)
Choose R18 = 33k
W
The following values were used in the calculation:
R9 = 27kW
ASC = 0.7
RT = 14kW
CT = 1nF
VOLTAGE REGULATION COMPONENTS
The values of the voltage regulation loop components are
calculated based on the operating output voltage. Note
that voltage safety regulations require the use of sense
resistors that have adequate voltage rating. As a rule of
thumb if 1/4W through-hole resistors are used, two of
them should be put in series. The input bias current of the
error amplifier is approximately 0.5µA, therefore the
current available from the voltage sense resistors should
be significantly higher than this value. Since two 1/4W
resistors have to be used the total power rating is 1/2W.
The operating power is set to be 0.4W then with 380V
output voltage the value can be calculated as follows:
RV
W
k
5
2
380
0 4
360
==
() / .
Ω
(17)
Choose two 178k
W, 1% connected in series.
Then R6 can be calculated using the formula below:
R
VR
VV
Vk
VV
k
REF
B
REF
6
5
5
356
380
5
4 747
=
×
−
=
×
−
=
Ω
Ω
.
(18)
Choose 4.75k
W, 1%. One more critical component in the
voltage regulation loop is the feedback capacitor for the
error amplifier. The voltage loop bandwidth should be set
such that it rejects the 120Hz ripple which is present at
the output. If this ripple is not adequately attenuated it
will cause distortion on the input current waveform.
Typical bandwidths range anywhere from a few Hertz to
15Hz. The main compromise is between transient
response and distortion. The feedback capacitor can be
calculated using the following formula:
C
RBW
C
kHz
F
8
5
8
1
3 142
1
3 142 356
2
044
=
××
=
××
=µ
.
.
.
Ω
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com