Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4821CS Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4821CS
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4821CS Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4821CS Datasheet HTML 1Page - Micro Linear Corporation ML4821CS Datasheet HTML 2Page - Micro Linear Corporation ML4821CS Datasheet HTML 3Page - Micro Linear Corporation ML4821CS Datasheet HTML 4Page - Micro Linear Corporation ML4821CS Datasheet HTML 5Page - Micro Linear Corporation ML4821CS Datasheet HTML 6Page - Micro Linear Corporation ML4821CS Datasheet HTML 7Page - Micro Linear Corporation ML4821CS Datasheet HTML 8Page - Micro Linear Corporation ML4821CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
ML4821
Micro Linear
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
OUTPUT
Output Voltage Low
IOUT = 20mA
0.1
0.4
V
IOUT = 200mA
1.6
2.4
V
Output Voltage High
IOUT = –20mA
13
13.5
V
IOUT = –200mA
12
13.4
V
Output Voltage Low in UVLO
IOUT = –5mA, VCC = 8V
0.1
0.8
V
Output Rise/Fall Time
CL = 1000pF
50
ns
UNDERVOLTAGE LOCKOUT
Start-up Threshold
14.5
16.5
V
Shut-Down Threshold
8.5
11.0
V
VREF Good Threshold
4.4
V
SUPPLY
Supply Current
Start-up, VCC = 14V, TA = 25°C
0.6
1.2
mA
Operating, TA = 25°C26
32
mA
Internal Shunt Zener Voltage
ICC = 35mA
25
27
35
V
Note 1:
Limits are guaranteed by 100% testing, sampling or correlation with worst case test conditions.
Note 2:
VCC is raised above the start-up threshold first to activate the IC, then returned to 15V
Note 3:
Gain Modulator gain is defined as:
I
I
OUTIA
INEA OUT
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com