Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4821CS Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4821CS
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4821CS Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4821CS Datasheet HTML 4Page - Micro Linear Corporation ML4821CS Datasheet HTML 5Page - Micro Linear Corporation ML4821CS Datasheet HTML 6Page - Micro Linear Corporation ML4821CS Datasheet HTML 7Page - Micro Linear Corporation ML4821CS Datasheet HTML 8Page - Micro Linear Corporation ML4821CS Datasheet HTML 9Page - Micro Linear Corporation ML4821CS Datasheet HTML 10Page - Micro Linear Corporation ML4821CS Datasheet HTML 11Page - Micro Linear Corporation ML4821CS Datasheet HTML 12Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
ML4821
Micro Linear
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
ML4821
ILIM
IA OUT
IA–
IA+
ISINE
EA OUT
EA–
VRMS
SOFT START
GND
CT
VREF
VCC
OUT
PGND
RT
OVP
SYNC
C7
0.47
µF
R14
91k
Ω
C6
43nF
R15
27k
Ω
R9
91k
Ω
C3
0.1
µF
C5
1.5nF
R13
20k
Ω
C2
120pF
R12
2.7k
Ω
R5
2k
Ω
R6
2.7k
Ω
R1
0.25
Ω
D5
1N5406
D6
1N5406
R8
910k
Ω
R11
8.2k
Ω
D2
D1
D4
D3
AC IN
90-264
VAC
F1
5A, 250V
C1
1
µF
R7
560k
Ω
L1
R10
39k
Ω
C4
1.5nF
D1
1N5406
D7
1N4934
D8
1N4934
C14
470
µF
C12
1
µF
C13
1
µF
R19
10.2k
Ω
R21
6.2k
Ω
C10
0.1
µF
C11
750pF
C8
R18
825k
Ω
R17
10.5k
Ω
R22
7.3
Ω
D10
MUR850
R20
825k
Ω
C14
470
µF
C19
270
µF
450V
–
DC OUT
382V
+
Figure 12. 200W Output PFC Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com