Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4821CS Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4821CS
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4821CS Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4821CS Datasheet HTML 2Page - Micro Linear Corporation ML4821CS Datasheet HTML 3Page - Micro Linear Corporation ML4821CS Datasheet HTML 4Page - Micro Linear Corporation ML4821CS Datasheet HTML 5Page - Micro Linear Corporation ML4821CS Datasheet HTML 6Page - Micro Linear Corporation ML4821CS Datasheet HTML 7Page - Micro Linear Corporation ML4821CS Datasheet HTML 8Page - Micro Linear Corporation ML4821CS Datasheet HTML 9Page - Micro Linear Corporation ML4821CS Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
ML4821
Micro Linear
FUNCTIONAL DESCRIPTION
OSCILLATOR
The ML4821 oscillator charges the external capacitor
connected to CT with a current equal to 2.5/RT. When the
capacitor voltage reaches the upper threshold, the
comparator changes state and the capacitor discharges to
the lower threshold through Q1.
The oscillator period can be described by the following
relationship:
TOSC = TRAMP + TDISCHARGE
where:
TRAMP = C(Ramp Valley to Peak) ÷ (IRT/2)
and:
TDISCHARGE = C(Ramp Valley to Pk) ÷ (8.4mA – IRT/2)
The ML4821 oscillator includes a SYNC input for
synchronizing to an external frequency source. A positive
pulse on this pin of 2V (typ) resets the oscillators
comparator and initiates a discharge cycle for CT. The RT
and CT component values which set the ML4821
oscillator frequency should be selected to produce a
lower frequency than the external frequency source.
Figure 1. Oscillator Block Diagram.
RT
+
–
RT
CT
CT
VREF
8.4mA
Q1
Q2
1k
Ω
2k
Ω
SYNC
IRT
2
IRT
1000
100
10
010
20
1nF
30
40
50
RT (kΩ)
680pF
470pF
330pF
150pF
Figure 2. Oscillator Timing Resistance vs. Frequency.
CLOCK
tD
CT
RAMP PEAK
RAMP VALLEY
VOLTAGE AND CURRENT ERROR AMPLIFIERS
The ML4821 voltage error amplifier is a high open loop
gain, wide bandwidth amplifier with a class A output. The
soft start circuit controls the input to this amplifier for
closed loop soft start operation.
The current error amplifier (IA) is similar to the voltage
error amplifier but is designed for very low offsets to allow
the selection of a low value resistor for RSENSE.
OUTPUT DRIVER STAGE
The ML4821 Output Driver is a 1A peak output high
speed totem pole circuit designed to quickly drive
capacitive loads, such as power MOSFET gates. The driver
circuit’s output voltage is internally limited to 17V.
GAIN MODULATOR
The ML4821 gain modulator responds linearly to current
injected into the ISINE pin, and in an inverse-square
fashion to voltage on the VRMS pin. At very low voltages
on the VRMS pin, the gain modulator enforces a power
limit, or ”brown-out protection”, upon the overall PFC
circuit (Figures 6 and 7). The rectified line input sine wave
is converted to a current for the ISINE input via a dropping
resistor. In this way, most ground noise produces an
insignificant effect on the reference to the PWM
comparator. This gives the ML4821 a high degree of
immunity to the disturbances common in high-power
switching circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com