Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4821CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4821CS
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4821CS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4821CS Datasheet HTML 3Page - Micro Linear Corporation ML4821CS Datasheet HTML 4Page - Micro Linear Corporation ML4821CS Datasheet HTML 5Page - Micro Linear Corporation ML4821CS Datasheet HTML 6Page - Micro Linear Corporation ML4821CS Datasheet HTML 7Page - Micro Linear Corporation ML4821CS Datasheet HTML 8Page - Micro Linear Corporation ML4821CS Datasheet HTML 9Page - Micro Linear Corporation ML4821CS Datasheet HTML 10Page - Micro Linear Corporation ML4821CS Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
ML4821
Micro Linear
6
7
9
–
+
S.S
INV
+8V
VREF
+8V
6.2k
Ω
EA OUT
The output of the gain modulator is a current which
appears on IA+ to form the reference for the current error
amplifier and is given as:
IK I
V
GM
SINE
EA
=×
×
−
(. )
08
where:
ISINE is the current in the dropping resistor, VEA
is the output of the error amplifier and K is a
constant determined by the VRMS input.
The output current of the gain modulator is limited to:
I
R
GM MAX
T
()
.
= 25
This sets the system current limit.The multiplier output
current is converted into the reference voltage for the
current (IA) amplifier through a resistor to ground on IA+.
Figure 6 shows the gain adjustor (K) with respect to the
voltage at VRMS. The curve has been separated in two
parts. The right hand part is for operation under normal
conditions in the voltage range from minimum line
voltage to maximum line voltage (90VAC to 260VAC).
85VAC on the curve has been chosen to account for
tolerances. Under normal operating conditions as input
voltage decreases the gain increases compensating for the
drop in the loop gain.
Under brownout conditions (below 85VAC) the gain
decreases to limit the amount of current that is drawn
from the line thus preventing an overload condition. This
is a very useful feature since in many cases the load for a
PFC is a constant power load. The input current has to go
high to compensate for a drop in the input voltage.
Figure 5. Output Saturation Voltage vs. Output Current.
Figure 6. K-factor. Gain Modulator gain with
respect to the voltage at VRMS.
0.5
0.4
0.3
0.2
0.1
0
135
7
46
0
85VAC
0.23
DESIGN
FOR
NORMAL
OPERATIONS
THIS IS THE MINIMUM
OPERATING
VOLTAGE POINT
THIS GAIN CURVE TAKES
OUT THE 1/(VIN)2
DEPENDENCY OF THE
VOLTAGE CONTROL LOOP
120VAC
OPERATING BOUNDRY
220VAC
K
2
VRMS
DESIGN
FOR
BROWNOUT
Figure 3. Error and Current Amplifier Configuration
Figure 4. Error Amplifier Open-loop Gain and Phase vs.
Frequency.
VCC = 15V
VO = 1.0V TO 5.0V
RL = 100kΩ
TA= 25°C
GAIN
PHASE
100
80
60
40
20
0
–20
10
100
1.0k
10k
100k
1.0M
10M
0
–30
60
90
120
150
180
f, FREQUENCY (Hz)
SOURCE SATURATION
(LOAD TO GROUND)
VCC
TA = 25°C
TA = –55°C
TA = –55°C
TA = 25°C
VCC = 15V
80
µs PULSED LOAD
120 Hz RATE
SINK SATURATION
(LOAD TO VCC)
GND
0
–1.0
–2.0
3.0
2.0
1.0
0
0
200
400
600
800
IO, OUTPUT LOAD CURRENT (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com