Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4823CS Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4823CS
Description  High Frequency Power Supply Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4823CS Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4823CS Datasheet HTML 1Page - Micro Linear Corporation ML4823CS Datasheet HTML 2Page - Micro Linear Corporation ML4823CS Datasheet HTML 3Page - Micro Linear Corporation ML4823CS Datasheet HTML 4Page - Micro Linear Corporation ML4823CS Datasheet HTML 5Page - Micro Linear Corporation ML4823CS Datasheet HTML 6Page - Micro Linear Corporation ML4823CS Datasheet HTML 7Page - Micro Linear Corporation ML4823CS Datasheet HTML 8Page - Micro Linear Corporation ML4823CS Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ML4823
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ERROR AMPLIFIER (Continued)
CMRR
1.5
≤ VCC ≤ 5.5V
50
80
dB
PSRR
10
≤ VCC ≤ 30V
70
100
dB
Output Sink Current
VE/A OUT = 1V
1
2.5
mA
Output Source Current
VE/A OUT = 4V
–0.5
–1.3
mA
Output High Voltage
IE/A OUT = –0.5mA
4.0
4.7
5.0
V
Output Low Voltage
IE/A OUT = 1mA
0
0.5
1.0
V
Unity Gain Bandwidth
3
5.5
MHz
Slew Rate
612
V/
µs
PWM COMPARATOR
RAMP Bias Current
VRAMP = 0V
–1
–5
µA
Duty Cycle Range
0
80
%
E/A OUT Zero DC Threshold
VRAMP = 0V
1.1
1.25
V
Delay to Output
50
80
ns
SOFT START
Charge Current
VSOFT START = 0.5V
3
9
20
µA
Discharge Current
VSOFT START = 1V
1
mA
CURRENT LIMIT/SHUTDOWN
ILIM Bias Current
0V
≤ ILIM ≤ 4V
±10
µA
Current Limit Offset
ILIM REF = 1.1V
0
15
mV
ILIM REF Common Mode Range
1.0
1.25
V
Shutdown Threshold
1.25
1.40
1.55
V
Delay to Output
50
80
ns
OUTPUT
Output Low Level
IOUT = 20mA
0.25
0.40
V
IOUT = 200mA
1.2
2.2
V
Output High Level
IOUT = –20mA
12.8
13.5
V
IOUT = –200mA
12.0
13.0
V
Collector Leakage
VC = 30V
100
500
µA
Rise/Fall Time
CL = 1000pF
30
60
ns
UNDER VOLTAGE LOCKOUT
Start Threshold
8.8
9.2
9.7
V
UVLO Hysteresis
0.4
0.8
1.2
V
SUPPLY
Start Up Current
VCC = 8V
1.1
2.5
mA
ICC
INV, RANP, ILIM = 0V
22
33
mA
NI = 1V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com