Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4823CS Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4823CS
Description  High Frequency Power Supply Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4823CS Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4823CS Datasheet HTML 1Page - Micro Linear Corporation ML4823CS Datasheet HTML 2Page - Micro Linear Corporation ML4823CS Datasheet HTML 3Page - Micro Linear Corporation ML4823CS Datasheet HTML 4Page - Micro Linear Corporation ML4823CS Datasheet HTML 5Page - Micro Linear Corporation ML4823CS Datasheet HTML 6Page - Micro Linear Corporation ML4823CS Datasheet HTML 7Page - Micro Linear Corporation ML4823CS Datasheet HTML 8Page - Micro Linear Corporation ML4823CS Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 1997
ML4823
*
High Frequency Power Supply Controller
FEATURES
s
Practical operation at switching frequencies to 1.0MHz
s
High current (2A peak) totem pole output
s
Wide bandwidth error amplifier
s
Fully latched logic with double pulse suppression
s
Pulse-by-pulse current limiting
s
Soft start and max. duty cycle control
s
Under voltage lockout with hysteresis
s
5.1V trimmed bandgap reference
s
Low start-up current (1.1mA)
s
Pin compatible improved replacement for UC3823
s
Fast shut down path from current limit to output
s
Soft start latch ensures full soft start cycle
s
Outputs pull low for undervoltage lockout
GENERAL DESCRIPTION
The ML4823 High Frequency PWM Controller is an IC
controller optimized for use in Switch Mode Power
Supply designs running at frequencies to 1MHz.
Propagation delays are minimal through the comparators
and logic for reliable high frequency operation while slew
rate and bandwidth are maximized on the error amplifier.
This controller is designed for single-ended applications
using voltage or current mode and provides for input
voltage feed forward.
A 1V threshold current limit comparator provides cycle-
by-cycle current limit and exceeding a 1.4V threshold
initiates a soft-start cycle. The soft start pin doubles as a
maximum duty cycle clamp. All logic is fully latched to
provide jitter-free operation and prevent multiple pulsing.
An under-voltage lockout circuit with 800mV of hysteresis
assures low startup current and drives the outputs low
during fault conditions.
This controller is an improved second source for the
UC3823 controller; however, the ML4823 includes
features not found on the 3823. These features are set in
*Some Packages Are Obsolete
italics.
BLOCK DIAGRAM (Pin Configuration Shown for 16-Pin Version)
5
6
OSC
RT
CT
4
7
3
RAMP
E/A OUT
COMP
+
–
+
1.25V
S
R
Q
13
14
12
ERROR
AMP
+
–
2
1
NI
INV
POWER VC
OUTPUT
POWER GND
CLOCK OUT
8
SOFT START
V+
+
–
1V
11
9
ILIM REF
ILIM/S.D.
+
–
1.4V
–
+
S
R
Q
4V
5.1V
+
–
16
5.1V VREF
+
–
ENABLE
VREF
15
VCC
UNDER
VOLTAGE
LOCKOUT
9V
VREF GEN
10
SIGNAL GND
INTERNAL
BIAS
1


Similar Part No. - ML4823CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4823CS FAIRCHILD-ML4823CS Datasheet
121Kb / 9P
High Frequency Power Supply Controller
More results

Similar Description - ML4823CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4823 FAIRCHILD-ML4823 Datasheet
121Kb / 9P
High Frequency Power Supply Controller
logo
Micro Linear Corporatio...
ML4810 MICRO-LINEAR-ML4810 Datasheet
165Kb / 12P
High Frequency Power Supply Controller
ML4825 MICRO-LINEAR-ML4825 Datasheet
172Kb / 9P
High Frequency Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
High frequency switching power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
High frequency switching power supply
BDW94C JSMC-BDW94C Datasheet
227Kb / 5P
High frequency switching power supply
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
High frequency switch power supply
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
High frequency switch power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com