Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4823CS Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4823CS
Description  High Frequency Power Supply Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4823CS Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4823CS Datasheet HTML 1Page - Micro Linear Corporation ML4823CS Datasheet HTML 2Page - Micro Linear Corporation ML4823CS Datasheet HTML 3Page - Micro Linear Corporation ML4823CS Datasheet HTML 4Page - Micro Linear Corporation ML4823CS Datasheet HTML 5Page - Micro Linear Corporation ML4823CS Datasheet HTML 6Page - Micro Linear Corporation ML4823CS Datasheet HTML 7Page - Micro Linear Corporation ML4823CS Datasheet HTML 8Page - Micro Linear Corporation ML4823CS Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ML4823
5
FUNCTIONAL DESCRIPTION
OSCILLATOR
The ML4823 oscillator charges the external capacitor (CT)
with a current (ISET) equal to 3/RSET. When the capacitor
voltage reaches the upper threshold (Ramp Peak), the
comparator changes state and the capacitor discharges to
the lower threshold (Ramp Valley) through Q1. While the
capacitor is discharging, Q2 provides a high pulse.
The oscillator period can be described by the following
relationship:
TOSC = TRAMP + TDEADTIME
where: TRAMP = C (Ramp Valley to Peak)/ISET
and:
TDEADTIME = C (Ramp Valley to Peak)/IQ1
+
–
5.1V
Q1
RT
RT
ISET
CT
ISET
400
µA
IQ1
3V
Q2
CLOCK
OUT
CLOCK OUT
TD
CT
RAMP PEAK
RAMP VALLEY
Figure 2. Oscillator Timing Resistance vs Frequency
Figure 4. Oscillator Deadtime vs CT (3kΩ ≤ RT ≤ 100kΩ)
30
25
20
15
10
5
0
0.47
1.0
2.2
4.7
10.0
22
CT (nF)
47
100
160
140
120
100
80
10k
100k
1M
FREQ (Hz)
1.0nF
470pF
Figure 3. Oscillator Deadtime vs Frequency
Figure 1. Oscillator Block Diagram
100k
10k
1k
0.1k
1k
10k
100k
1M
10M
FREQ (Hz)
100nF
47nF
22nF
10nF
4.7nF
2.2nF
1nF
470pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com