Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4823CS Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4823CS
Description  High Frequency Power Supply Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4823CS Datasheet(HTML) 6 Page - Micro Linear Corporation

  ML4823CS Datasheet HTML 1Page - Micro Linear Corporation ML4823CS Datasheet HTML 2Page - Micro Linear Corporation ML4823CS Datasheet HTML 3Page - Micro Linear Corporation ML4823CS Datasheet HTML 4Page - Micro Linear Corporation ML4823CS Datasheet HTML 5Page - Micro Linear Corporation ML4823CS Datasheet HTML 6Page - Micro Linear Corporation ML4823CS Datasheet HTML 7Page - Micro Linear Corporation ML4823CS Datasheet HTML 8Page - Micro Linear Corporation ML4823CS Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ML4823
6
ERROR AMPLIFIER
The ML4823 error amplifier is a 5.5MHz bandwidth 12V/
µs
slew rate op-amp with provision for limiting the positive
output voltage swing (Output Inhibit line) for ease in
implementing the soft start function.
5
4
3
2
1
0
0.2
0.4
0.6
0.8
1.0
TIME (
µs)
VIN
VOUT
100
80
60
40
20
0
–20
100
1K
10K 100K
1M
10M
FREQ (Hz)
100M
0
0
–90
–180
GAIN
φ
Figure 5. Unity Gain Slew Rate
Figure 6. Open Loop Frequency Response
OUTPUT DRIVER STAGE
The ML4823 Output Driver is a 2A peak output high speed
totem pole circuit designed to quickly switch the gates of
capacitive loads, such as power MOSFET transistors.
Figure 8. Saturation Curves
3
2
1
0
0
0.5
1.0
1.5
IOUT (A)
SOURCE
SINK
Figure 7. Simplified Schematic
POWER
GND
Q1
Q2
OUT
VCC
POWER
VC
15
10
5
0
0
40
80
120
160
200
TIME (ns)
0.2
IL (A)
0
–0.2
15
10
5
0
0
100
200
300
400
500
TIME (ns)
2
IL (A)
0
–2
Figure 10 Rise/Fall Time (CL = 10,000pF)
Figure 9. Rise/Fall Time (CL = 1000pF)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com