Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4833CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4833CS
Description  Electronic Dimming Ballast Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4833CS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4833CS Datasheet HTML 3Page - Micro Linear Corporation ML4833CS Datasheet HTML 4Page - Micro Linear Corporation ML4833CS Datasheet HTML 5Page - Micro Linear Corporation ML4833CS Datasheet HTML 6Page - Micro Linear Corporation ML4833CS Datasheet HTML 7Page - Micro Linear Corporation ML4833CS Datasheet HTML 8Page - Micro Linear Corporation ML4833CS Datasheet HTML 9Page - Micro Linear Corporation ML4833CS Datasheet HTML 10Page - Micro Linear Corporation ML4833CS Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ML4833
7
Figure 2. ML4833 PFC Controller Section
+
–
–
+
L
A
M
P
L
A
M
P
LAMP
NETWORK
INVERTER
RA
SW2
L
SW1
RSENSE
SINE
RB
VOUT
EMI
FILTER
14
2
PIFB
CRAMP
C1
C2
R1
CRAMP
OUT A
PVFB/OVP
18
–A
S
VREF1
OSC
SINE
RAMP
CLK
PFC OUT
CLK
RQ
V TO I
PEAO
10
PEAO
1
TRANSCONDUCTANCE AMPLIFIERS
The PFC voltage feedback amplifier is implemented as an
operational transconductance amplifier. It is designed to
have low small signal forward transconductance such that
a large value of load resistor (R1) and a low value
ceramic capacitor (<1µF) can be used for AC coupling
(C1) in the frequency compensation network. The
compensation network shown in Figure 3 will introduce a
zero and a pole at:
f
RC
f
RC
ZP
==
1
2
1
2
11
1 2
ππ
(2)
–
+
18
2.5V
PVFB/OVP
R1
C1
C2
Figure 3. Compensation Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com