Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4833CS Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4833CS
Description  Electronic Dimming Ballast Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4833CS Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4833CS Datasheet HTML 5Page - Micro Linear Corporation ML4833CS Datasheet HTML 6Page - Micro Linear Corporation ML4833CS Datasheet HTML 7Page - Micro Linear Corporation ML4833CS Datasheet HTML 8Page - Micro Linear Corporation ML4833CS Datasheet HTML 9Page - Micro Linear Corporation ML4833CS Datasheet HTML 10Page - Micro Linear Corporation ML4833CS Datasheet HTML 11Page - Micro Linear Corporation ML4833CS Datasheet HTML 12Page - Micro Linear Corporation ML4833CS Datasheet HTML 13Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ML4833
10
A summary of the operating frequencies in the various
operating modes is shown below.
Operating Mode
Operating Frequency
[F(MAX) to F(MIN)]
Preheat
2
Dimming
Lock-out
F(MIN)
Dimming
Control
F(MIN) to F(MAX)
9
8
RX
CX
6.8
+
–
1.2/4.8
HEAT
INHIBIT
0.625
RSET
+
–
1.2/6.8
–
+
1.25V
DIMMING
LOCKOUT
RX/CX
INTERRUPT
Q
R
S
Figure 8. Lamp Preheat and Interrupt Timers
LFB OUT is ignored by the oscillator until CX reaches
6.8V threshold. The lamps are therefore driven to full
power and then dimmed. The CX pin is clamped to
about 7.5V.
6.8
4.8
1.2
.65
0
>1.25
RX/CX
HEAT
DIMMING
LOCKOUT
INT
INHIBIT
Figure 9. Lamp Starting and Restart Timing
TYPICAL APPLICATIONS
Figure 10 shows a schematic for a dimming power-factor
corrected 60W ballast, designed to operate two F32T8
fluorescent lamps connected in series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com