Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4833CS Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4833CS
Description  Electronic Dimming Ballast Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4833CS Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4833CS Datasheet HTML 1Page - Micro Linear Corporation ML4833CS Datasheet HTML 2Page - Micro Linear Corporation ML4833CS Datasheet HTML 3Page - Micro Linear Corporation ML4833CS Datasheet HTML 4Page - Micro Linear Corporation ML4833CS Datasheet HTML 5Page - Micro Linear Corporation ML4833CS Datasheet HTML 6Page - Micro Linear Corporation ML4833CS Datasheet HTML 7Page - Micro Linear Corporation ML4833CS Datasheet HTML 8Page - Micro Linear Corporation ML4833CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2000
PRELIMINARY
ML4833*
Electronic Dimming Ballast Controller
GENERAL DESCRIPTION
The ML4833 is a complete solution for a dimmable or a
non-dimmable, high power factor, high efficiency
electronic ballast. The BiCMOS ML4833 contains
controllers for “boost” type power factor correction as
well as for a dimming ballast. The ML4833 was designed
to minimize the number of external components required
to build an electronic ballast.
The PFC circuit uses a new, simple PFC topology which
requires only one loop for compensation. This system
produces a power factor of better than 0.99 with low
input current THD. An overvoltage protection comparator
inhibits the PFC section in the event of a lamp out or lamp
failure condition.
The ballast controller section provides for programmable
starting sequence with individually adjustable preheat and
lamp out-of-socket interrupt times. The IC controls lamp
output power through feedback. The ML4833 provides a
power down input which reduces power to the lamp, for
GFI, end of life, etc.
FEATURES
s
Complete power factor correction and dimming
ballast control in one IC
s
Low distortion, high efficiency continuous boost,
peak current sensing PFC section
s
Programmable start scenario for rapid or
instant start lamps
s
Lamp current feedback for dimming control
s
Variable frequency dimming and starting
s
Programmable restart for lamp out condition to
reduce ballast heating
s
Internal over-temperature shutdown replaces
external heat sensor
s
PFC overvoltage comparator eliminates output
“runaway” due to load removal
s
Low start-up current <0.5mA
s
Power reduction pin for end of life and GFI detectors
1
BLOCK DIAGRAM
6
RSET
VARIABLE FREQUENCY
OSCILLATOR
7
RT /CT
9
RX/CX
PRE-HEAT
AND INTERRUPT
TIMERS
CONTROL
&
GATING LOGIC
3
PDWN
10
CRAMP
POWER
FACTOR
CONTROLLER
UNDER-VOLTAGE
AND THERMAL
SHUTDOWN
OUTPUT
DRIVERS
2
PIFB
1
PEAO
18
PVFB/OVP
VREF
17
PFC OUT
15
GND
11
VCC
16
PGND
12
OUT B
13
OUT A
14
LFB OUT
5
LAMP FB
4
INTERRUPT
8
(* Indicates part is End Of Life as of July 1, 2000)


Similar Part No. - ML4833CS

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
ML483-PCB TRIQUINT-ML483-PCB Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-PCB TRIQUINT-ML483-PCB Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
More results

Similar Description - ML4833CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
Electronic Ballast Controller
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
Electronic Dimming Ballast Controller
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
Compact Fluorescent Electronic Dimming Ballast Controller
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
PT5631 PTC-PT5631 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
PT5611 PTC-PT5611_10 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com