Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4833CS Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4833CS
Description  Electronic Dimming Ballast Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4833CS Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4833CS Datasheet HTML 5Page - Micro Linear Corporation ML4833CS Datasheet HTML 6Page - Micro Linear Corporation ML4833CS Datasheet HTML 7Page - Micro Linear Corporation ML4833CS Datasheet HTML 8Page - Micro Linear Corporation ML4833CS Datasheet HTML 9Page - Micro Linear Corporation ML4833CS Datasheet HTML 10Page - Micro Linear Corporation ML4833CS Datasheet HTML 11Page - Micro Linear Corporation ML4833CS Datasheet HTML 12Page - Micro Linear Corporation ML4833CS Datasheet HTML 13Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ML4833
9
This assumes that tCHG >> tDIS.
When LFB OUT is high, ICH = 0 and the minimum
frequency occurs. The charging current varies according
to two control inputs to the oscillator:
1. The output of the preheat timer
2. The voltage at LFB OUT (lamp feedback amplifier
output)
In preheat condition, charging current is fixed at
I
R
CHG PREHEAT
SET
()
.
= 25
(6)
In running mode, charging current decreases as the
voltage rises from 0V to VOH at the LAMP FB amplifier.
The highest frequency will be attained when ICHG is
highest, which is attained when voltage at LFB OUT
is at 0V:
I
R
CHG
SET
()
0
5
=
(7)
Highest lamp power, and lowest output frequency are
attained when voltage at LFB OUT is at its maximum
output voltage (VOH).
In this condition, the minimum operating frequency of the
ballast is set per equation 5 above.
For the IC to be used effectively in dimming ballasts with
higher Q output networks a larger CT value and lower RT
value can be used, to yield a smaller frequency excursion
over the control range (voltage at LFB OUT). The
discharge current is set to 5mA. Assuming that IDIS >>
IRT:
tC
DIS VCO
T
() ≅×
600
(8)
IC BIAS, UNDER-VOLTAGE LOCKOUT AND
THERMAL SHUTDOWN
The IC includes a shunt clamp which will limit the
voltage at VCC to 15V (VCCZ). The IC should be fed with
a current limited source, typically derived from the
ballast transformer auxiliary winding. When VCC is below
VCCZ – 1.1V, the IC draws less than 0.48mA of quiescent
current and the outputs are off. This allows the IC to start
using a “bleed resistor” from the rectified AC line.
To help reduce ballast cost, the ML4833 includes a
temperature sensor which will inhibit ballast operation if
the IC’s junction temperature exceeds 120°C. In order to
use this sensor in lieu of an external sensor, care should
be taken when placing the IC to ensure that it is sensing
temperature at the physically appropriate point in the
ballast. The ML4833’s die temperature can be estimated
with the following equation:
TT
P
C W
JA
D
≅+
+ °
(/
)
65
(9)
VCCZ
V(ON)
V(OFF)
5.5mA
0.34mA
VCC
ICC
t
t
Figure 7. Typical VCC and ICC Waveforms when
the ML4833 is Started with a Bleed Resistor from
the Rectified AC Line and Bootstrapped from an
Auxiliary Winding.
STARTING, RE-START, PREHEAT AND INTERRUPT
The lamp starting scenario implemented in the ML4833
is designed to maximize lamp life and minimize ballast
heating during lamp out conditions.
The circuit in Figure 8 controls the lamp starting
scenarios: Filament preheat and lamp out interrupt. CX is
charged with a current of IR(SET)/4 and discharged through
RX. The voltage at CX is initialized to 0.7V (VBE) at power
up. The time for CX to rise to 4.8V is the filament preheat
time. During that time, the oscillator charging current
(ICHG) is 2.5/RSET. This will produce a high frequency for
filament preheat, but will not produce sufficient voltage
to ignite the lamp or cause significant glow current.
After cathode heating, the inverter frequency drops to FMIN
causing a high voltage to appear to ignite the lamp. If
lamp current is not detected when the lamp is supposed
to have ignited, the lamp voltage feedback coming into
pin 8 remains below 1.25V, the CX charging current is
shut off and the inverter is inhibited until CX is discharged
by RX to the 1.2V threshold. Shutting off the inverter in
this manner prevents the inverter from generating
excessive heat when the lamp fails to strike or is out of
socket. Typically this time is set to be fairly long by
choosing a large value of RX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com