Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4866CS Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4866CS
Description  3.3V Output DC-DC Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4866CS Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4866CS Datasheet HTML 1Page - Micro Linear Corporation ML4866CS Datasheet HTML 2Page - Micro Linear Corporation ML4866CS Datasheet HTML 3Page - Micro Linear Corporation ML4866CS Datasheet HTML 4Page - Micro Linear Corporation ML4866CS Datasheet HTML 5Page - Micro Linear Corporation ML4866CS Datasheet HTML 6Page - Micro Linear Corporation ML4866CS Datasheet HTML 7Page - Micro Linear Corporation ML4866CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ML4866
FUNCTIONAL DESCRIPTION
The ML4866 is a current-mode, step-down (buck)
converter designed to keep the buck inductor current in
the continuous conduction mode (CCM). Current-mode
operation provides faster output response to input voltage
and output current changes along with cycle-by-cycle
current limiting. CCM inductor current is preferred when
the highest conversion efficiencies are required.
For high efficiencies at low output current, the ML4866
contains an autoburst function which automatically
switches from pulse width modulation (PWM) to pulsed
frequency modulation (PFM) operation when the output
current drops below 100mA. Selection of either mode is
possible by applying the correct logic level signal to the
BURST pin. When operating in PWM mode, loop
compensation of the ML4866 is simplified due to its
transconductance type error amplifier.
An under voltage lockout (UVLO) circuit within the
ML4866 enables the converter when the input voltage
is greater than 3.25V and disables it when the input
voltage is below 3.10V. The IC can also be disabled
externally by applying a logic low signal to the SHDN
pin. When disabled, the ML4866 draws less than 20µA of
current.
The internal 1.25V bandgap reference is made available
via the VREF pin, and may be used for general
applications requiring less than 10µA of current. For
proper operation, this pin must always be bypassed to
GND with a 100nF capacitor.
BURST MODE
Burst (PFM) mode is a method of regulating the output
voltage by applying a variable frequency modulation
technique to the buck inductor. This method maintains
higher efficiencies at light loads than if PWM were used.
If BURST is left open, the ML4866 switches from PWM
mode to PFM mode when the output current falls below
100mA. When the output voltage falls out of regulation
while in PFM mode, the internal buck switch turns on and
ramps the inductor current up to 300mA. The buck switch
then turns off and the synchronous switch turns on,
ramping the inductor current down to 0mA. This action is
repeated until the output voltage returns to its nominal
setting and begins again when the output drops below its
nominal setting. The rate or frequency at which this
“bursting” occurs is directly proportional to the output
current. When the average output current rises above
130mA, the ML4866 returns to PWM operation.
For applications having a load current range of less than
100mA and greater than 130mA, the BURST pin should be
left open and bypassed to ground with a 15nF or larger
capacitor. It is possible to tailor an application for the
highest possible efficiency by externally forcing the
ML4866 into either control mode. Applying a logic low
level to BURST forces the IC into PFM mode. Conversely,
a logic high places it in PWM mode. Care should be
taken to avoid reducing the efficiency by placing the
controller in the least efficient mode for a given output
current.
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
IIN
VIN Current
IOUT = 0mA, BURST = 5V
400
500
µA
IOUT = 0mA, BURST = 0V
120
220
µA
SHDN = 0V
20
35
µA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Figure 1. Inductor Current
∆I
–VOUT
L
VIN – VOUT
L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com