Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4866CS Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4866CS
Description  3.3V Output DC-DC Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4866CS Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4866CS Datasheet HTML 1Page - Micro Linear Corporation ML4866CS Datasheet HTML 2Page - Micro Linear Corporation ML4866CS Datasheet HTML 3Page - Micro Linear Corporation ML4866CS Datasheet HTML 4Page - Micro Linear Corporation ML4866CS Datasheet HTML 5Page - Micro Linear Corporation ML4866CS Datasheet HTML 6Page - Micro Linear Corporation ML4866CS Datasheet HTML 7Page - Micro Linear Corporation ML4866CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ML4866
DESIGN CONSIDERATIONS
INDUCTOR SELECTION
Figure 1 shows the inductor current in a step-down
converter operating in CCM. Note that the inductor
current does not reach zero during each switching cycle.
This is unlike discontinuous conduction mode (DCM)
where the inductor current is allowed to reach zero. CCM
operation generally results in lower peak to peak output
ripple voltage and higher circuit efficiencies because of
lower peak and RMS currents in the switching FETs and
buck inductor. The minimum value of inductance required
for CCM operation with a 6.5V input and a load range of
100mA to 500mA is:
L
VV
V
VI
f
OUT
IN MAX
OUT
IN MAX
OUT MIN
SW
>
™-
™™
™
()
()
()
(
)
2
(1)
L
VV
V
VmAkHz
H
>
™-
™™
™
>
33
6 5
33
2 6 5
100
120
68
.( .
.
)
.
m
To guarantee reliable operation, the peak inductor current
must be between 80% and 85% of its maximum rated
value. This value is the sum of the inductor peak to peak
current and the maximum output current:
I
VV
V
Vf
L
LP P
OUT MAX
IN MIN
OUT MAX
IN MIN
SW MIN
()
()
(
)
()
()
(
)
()
–
=
™™
-
™™
2
(2)
I
VV
V
VkHz
H
mA
LP P
()
.( .
.
)
.
–
=
™™
-
™™
m
=
2 3 465
4 0
3 465
40
90
100
103
II
VV
V
Vf
L
LPEAK
OUT MAX
OUT MAX
IN MIN
OUT MAX
IN MIN
SW
()
(
)
()
(
)
()
()
()
=+
™-
™™
(3)
II
VV
V
VkHz
H
mA
L PEAK
OUT MAX
()
(
)
.( .
.
)
.
=+
™-
™™
m
=
3465
40
3465
40
120
100
550
For the highest efficiency, inductor core and copper losses
must be minimized. Good high frequency core material
such as Kool-Mu, ferrite or Molyperm are popular choices
for this converter. Disregarding physical size
requirements, the lowest loss inductor will generally be
the one with the highest peak current rating.
Figure 2 displays the efficiency of the ML4866 under
various input voltage and output current conditions. These
results were obtained using a Coiltronics CTX100-4
inductor having the following specifications:
Nominal Inductance - 100µH
Peak Current Rating - 950mA
DC Resistance - 175m
W
A partial listing of inductor manufacturers with standard
parts which meet the criteria for use with the ML4866 is
given below.
Coiltronics
(561) 241-7876
Dale
(605) 665-9301
Coilcraft
(847) 639-6400
XFMRS, Inc (317) 834-1066
Sumida
(847) 956-0666
CAPACITOR SELECTION
A typical digital system requires a peak to peak output
ripple voltage of no greater than 1% to 3% of the nominal
output voltage. In a step-down converter, the largest
contributor to ripple voltage is almost always the product
of the inductor peak-to-peak current times the output
capacitor’s equivalent series resistance. To select the
correct capacitor, first calculate the minimum
capacitance value required:
C
VV
V
VV
L
f
OUT
OUT
IN MAX
OUT
P P MAX
IN MAX
SW
>
™-
™™
™ ™
-
()
()
()
()
8
2
(4)
C
VV
mV
V
H
kHz
F
OUT >
™-
™™
™
m ™
>
33
6 5
33
8 33
6 5
100
120
427
2
.( .
.
)
.
.
m
Next, calculate the maximum permissible ESR of the
output capacitor:
ESR
<<
(.
)
(. )
.
0033
01
033
W
(5)
When limited space is available, tantalum capacitors are
the best choice. Electrolytic capacitors can be used and
will be less expensive, but the ESR for low capacitance
values as needed here will be much higher than for the
same value tantalum. Table 2 lists the ESR values for a
number of general purpose tantalum capacitors which are
widely available from a number of sources. A 47µF
capacitor was chosen for the design example.
Figure 2. Efficiency vs. Input Voltage
INPUT VOLTAGE (V)
3.5
4.5
6.0
4.0
5.0
6.5
5.5
100
98
96
94
92
90
88
86
IOUT = 500mA
IOUT = 100mA
IOUT = 10mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com