Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4866CS Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4866CS
Description  3.3V Output DC-DC Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4866CS Datasheet(HTML) 6 Page - Micro Linear Corporation

  ML4866CS Datasheet HTML 1Page - Micro Linear Corporation ML4866CS Datasheet HTML 2Page - Micro Linear Corporation ML4866CS Datasheet HTML 3Page - Micro Linear Corporation ML4866CS Datasheet HTML 4Page - Micro Linear Corporation ML4866CS Datasheet HTML 5Page - Micro Linear Corporation ML4866CS Datasheet HTML 6Page - Micro Linear Corporation ML4866CS Datasheet HTML 7Page - Micro Linear Corporation ML4866CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ML4866
FREQUENCY COMPENSATION
Frequency compensation of the ML4866 is required when
the converter is operating in PWM mode. Two simple
methods are provided to ensure the converter is frequency
stable. Both these methods will work only if the inductor
current is selected to be in CCM at the maximum load
current (see Inductor Selection). The first, called dominant
pole compensation, is used when non-varying loads are
expected. This method requires a single capacitor
connected from the error amplifier output (COMP Pin) to
ground.
For loads which change suddenly, the transient response
(or bandwidth) of the circuit must be increased to prevent
the output voltage from going outside of the regulation
band. The method used to accomplish this is called
zero/pole compensation and requires a series resistor
capacitor network from COMP to ground.
To determine which method works best for a given
application, apply the components found from the
zero/pole compensation method to an actual circuit
and examine the output voltage variation. If the voltage
variation is acceptable, connect the simpler, single
capacitor and re-check the output voltage for acceptable
load transient response.
NON-VARYING LOAD CURRENT
For the best possible response to load transients using only
a single capacitor, dominant pole compensation is
implemented with a single capacitor value of:
C
g
f
COMP
m
COMP
=
™
2
(6)
Where fCOMP is the unity gain crossover point (640Hz),
gm = 62.5µmho, and CCOMP > 15.5nF (choose a standard
18nF or 22nF capacitor). The value of CCOMP can be
increased but at the risk of increased output voltage
variations with transient loads.
VARYING LOAD CURRENT
To minimize output voltage variations due to rapidly
changing load currents, use the series RC zero
compensation method to find the compensation network
component values that will improve the output voltage
response to load transients.
The unity gain bandwidth of the converter is extended to
15kHz using an RC network determined by:
R
G
g
where G
f
f
COMP
m
O
COMP
>=
,
(7)
C
R
COMP
COMP
=
™
1
50
p
(8)
Where f0 = 15kHz, fCOMP = 640Hz, RCOMP > 375kW (use
390k
W, 5%), and CCOMP = 16nF (use 15nF).
Either method of compensation for CCM mode with result
in continued stability as the ML4866 changes to DCM
mode at lighter load currents. Figure 3 shows a typical
application circuit for the ML4866.
VOLTAGE
ESR @
CAPACITANCE
RATING
SIZE
100kHz
4.7µF
16V
3216
0.490
W
10µF
6.3V
3216
0.368
W
22µF
16V
7343
0.149
W
33µF
6.3V
6032
0.291
W
47µF
10V
7343
0.144
W
100µF
6.3V
7343
0.088
W
Table 2. ESR Values for Low Cost Tantalum Capacitors
DESIGN CONSIDERATIONS (Continued)
Figure 3. Typical Application Circuit
1
2
3
4
8
7
6
5
VOUT
COMP
VREF
BURST
GND
VL
SHDN
VIN
ML4866
15nF
100nF
15nF
390k
Ω
VIN
3.5V to 6.5V
33µF
100µF
100nF
VOUT
3.3V
100µH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com