Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4866CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4866CS
Description  3.3V Output DC-DC Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4866CS Datasheet(HTML) 7 Page - Micro Linear Corporation

  ML4866CS Datasheet HTML 1Page - Micro Linear Corporation ML4866CS Datasheet HTML 2Page - Micro Linear Corporation ML4866CS Datasheet HTML 3Page - Micro Linear Corporation ML4866CS Datasheet HTML 4Page - Micro Linear Corporation ML4866CS Datasheet HTML 5Page - Micro Linear Corporation ML4866CS Datasheet HTML 6Page - Micro Linear Corporation ML4866CS Datasheet HTML 7Page - Micro Linear Corporation ML4866CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ML4866
LAYOUT
For proper performance, all components should be placed
as close to the ML4866 as possible. Particular attention
should be paid to minimize the length of the connections
between the COMP and VREF pins to GND. Also avoid
bringing these traces and the associated components
close to VL.
It is always recommended that a 10µF or greater
capacitor be connected to VIN of the ML4866. A 33µF
tantalum capacitor and 100nF film or ceramic capacitor
is recommended when powering the ML4866 from
Lithium or Alkaline cells.
Ground and power planes must be large enough to carry
the current the converter has been designed to supply.
A sample PC board layout is shown in Figure 4.
Figure 4. Sample PC Board Layout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com