Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4950CS Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4950CS
Description  Adjustable Output, Low Current Single Cell Boost Regulator with Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4950CS Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4950CS Datasheet HTML 1Page - Micro Linear Corporation ML4950CS Datasheet HTML 2Page - Micro Linear Corporation ML4950CS Datasheet HTML 3Page - Micro Linear Corporation ML4950CS Datasheet HTML 4Page - Micro Linear Corporation ML4950CS Datasheet HTML 5Page - Micro Linear Corporation ML4950CS Datasheet HTML 6Page - Micro Linear Corporation ML4950CS Datasheet HTML 7Page - Micro Linear Corporation ML4950CS Datasheet HTML 8Page - Micro Linear Corporation ML4950CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ML4950
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VOUT ............................................................................................... 7V
Voltage on Any Other Pin ..... GND - 0.3V to VOUT + 0.3V
Peak Switch Current (IPEAK) .......................................... 1A
Average Switch Current (IAVG) .............................. 250mA
Junction Temperature .............................................. 150ºC
Storage Temperature Range...................... –65ºC to 150ºC
Lead Temperature (Soldering, 10 sec) ...................... 150ºC
Thermal Resistance (
qJA) .................................... 160ºC/W
OPERATING CONDITIONS
Temperature Range
ML4950CS-X .............................................. 0ºC to 70ºC
ML4950ES-X ........................................... -20ºC to 70ºC
VIN Operating Range
ML4950CS-X ................................. 1.0V to VOUT - 0.2V
ML4950ES-X ................................. 1.1V to VOUT - 0.2V
VOUT Operating Range .......................................2V to 3V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = Operating Voltage Range, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
IIN
VIN Current
VIN = VOUT - 0.2V
50
60
µA
IOUT(Q)
VOUT Quiescent Current
8
10
µA
IL(Q)
VL Quiescent Current
1µA
PFM REGULATOR
tON
Pulse Width
4.5
5
5.5
µs
VSENSE
SENSE Compator Threshold Voltage
196
201
208
mV
Load Regulation
See Figure 1
2.425
2.5
2.575
V
VIN = 1.2V, IOUT £ 25mA
Undervoltage Lockout Threshold
0.85
0.95
V
RESET COMPARATOR
DETECT Threshold Voltage
194
200
206
mV
DETECT Bias Current
-100
100
nA
RESET Output High Voltage
IOH = -100µA
VOUT-0.2
V
RESET Output Low Voltage
IOL = 100µA
0.2
V
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com