Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4950CS Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4950CS
Description  Adjustable Output, Low Current Single Cell Boost Regulator with Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4950CS Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4950CS Datasheet HTML 2Page - Micro Linear Corporation ML4950CS Datasheet HTML 3Page - Micro Linear Corporation ML4950CS Datasheet HTML 4Page - Micro Linear Corporation ML4950CS Datasheet HTML 5Page - Micro Linear Corporation ML4950CS Datasheet HTML 6Page - Micro Linear Corporation ML4950CS Datasheet HTML 7Page - Micro Linear Corporation ML4950CS Datasheet HTML 8Page - Micro Linear Corporation ML4950CS Datasheet HTML 9Page - Micro Linear Corporation ML4950CS Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ML4950
8
It is important to note that the accuracy of these resistors
directly affects the accuracy of the output voltage. The
SENSE pin threshold variation is ±3%, and the tolerance of
R1 and R2 will add to this to determine the total output
variation.
Under some circumstances, input ripple cannot be
reduced effectively. This occurs primarily in applications
where inductor currents are high, causing excess output
ripple due to “pulse grouping”, where the charge-
discharge pulses are not evenly spaced in time. In such
cases it may be necessary to add a small 20pF to 100pF
ceramic feedforward capacitor (CFF) from the VIN pin to
the SENSE pin. This is particularly true if the ripple voltage
at VIN is greater than 100mV.
SETTING THE
RESET THRESHOLD
To use the RESET comparator as an input voltage monitor,
it is necessary to use an external resistor divider tied to the
DETECT pin as shown in Figure 7. The resistor values RA
and RB can be calculated using the following equation:
V
RR
R
IN MIN
AB
B
()
.
=™
+
02 16
(7)
The value of RB should be 100kW or less to minimize bias
current errors. RA is then found by rearranging the
equation:
RR
V
AB
IN MIN
=™
-




()
.
02
1
(8)
LAYOUT
Good PC board layout practices will ensure the proper
operation of the ML4950. Important layout considerations
include:
s
Use adequate ground and power traces or planes
s
Keep components as close as possible to the ML4950
s
Use short trace lengths from the inductor to the VL pin
and from the output capacitor to the VOUT pin
s
Use a single point ground for the ML4950 PWR GND
pin and the input and output capacitors, and connect
GND to PWR GND with a separate trace
A typical PC board layout is shown in Figure 8.
DESIGN CONSIDERATIONS (Continued)
Figure 8. Typical PC Board Layout
Figure 6. No Load Input Current vs. VIN
For 2V, R1 = 365k
W, R2 = 40.2kW
For 3V, R1 = 562k
W, R2 = 40.2kW
L = Sumida CD43, 22µH
80
60
40
20
0
VIN (V)
1.0
1.5
2.0
3.0
2.5
2V OUTPUT
3V OUTPUT
Figure 7. Battery Monitoring Circuit
VIN
RA
RB
1
DETECT
4
RESET
VREF
FROM
START-UP
CIRCUITRY
+
–
COMP
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com