Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4950CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4950CS
Description  Adjustable Output, Low Current Single Cell Boost Regulator with Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4950CS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4950CS Datasheet HTML 2Page - Micro Linear Corporation ML4950CS Datasheet HTML 3Page - Micro Linear Corporation ML4950CS Datasheet HTML 4Page - Micro Linear Corporation ML4950CS Datasheet HTML 5Page - Micro Linear Corporation ML4950CS Datasheet HTML 6Page - Micro Linear Corporation ML4950CS Datasheet HTML 7Page - Micro Linear Corporation ML4950CS Datasheet HTML 8Page - Micro Linear Corporation ML4950CS Datasheet HTML 9Page - Micro Linear Corporation ML4950CS Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ML4950
7
140
120
100
80
60
40
20
0
VIN (V)
1.0
1.2
1.4
1.8
1.6
L = 18
µH
L = 33
µH
L = 47
µH
L = 68
µH
VOUT = 2V
140
120
100
80
60
40
20
0
VIN (V)
1.0
1.2
1.4
1.8
1.6
L = 18
µH
L = 33
µH
L = 47
µH
L = 68
µH
VOUT = 2.5V
Figure 4. Output Current vs Input Voltage
90
80
70
60
50
40
30
20
10
0
VIN (V)
1.0
1.2
1.4
1.8
1.6
L = 18
µH
L = 33
µH
L = 47
µH
L = 68
µH
VOUT = 3V
95
90
85
80
75
VIN (V)
1.0
1.2
1.4
1.8
1.6
L = 18
µH
L = 33
µH
L = 47
µH
L = 68
µH
VOUT = 2V
95
90
85
80
75
VIN (V)
1.0
1.2
1.4
1.8
1.6
L = 18
µH
L = 33
µH
L = 47
µH
L = 68
µH
VOUT = 2.5V
Figure 5. Typical Efficiency as a Function of VIN
95
90
85
80
75
VIN (V)
1.0
1.2
1.4
1.8
1.6
L = 18
µH
L = 33
µH
L = 47
µH
L = 68
µH
VOUT = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com