Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4950CS Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4950CS
Description  Adjustable Output, Low Current Single Cell Boost Regulator with Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4950CS Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4950CS Datasheet HTML 2Page - Micro Linear Corporation ML4950CS Datasheet HTML 3Page - Micro Linear Corporation ML4950CS Datasheet HTML 4Page - Micro Linear Corporation ML4950CS Datasheet HTML 5Page - Micro Linear Corporation ML4950CS Datasheet HTML 6Page - Micro Linear Corporation ML4950CS Datasheet HTML 7Page - Micro Linear Corporation ML4950CS Datasheet HTML 8Page - Micro Linear Corporation ML4950CS Datasheet HTML 9Page - Micro Linear Corporation ML4950CS Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ML4950
9
VOUT = 2V
VIN
IOUT (mA)
EFFICIENCY (%)
L = 18µH
1.0
45.8
77.5
1.2
65.8
78.0
1.4
89.4
78.3
1.6
111.7
78.9
1.8
132.9
79.8
L = 33µH
1.0
27.9
83.6
1.2
41.9
84.5
1.4
57.8
85.0
1.6
73.7
85.6
1.8
89.8
86.4
L = 47µH
1.0
20.1
85.1
1.2
31.6
86.6
1.4
43.7
87.4
1.6
57.5
87.5
1.8
70.1
88.9
L = 68µH
1.0
14.9
86.5
1.2
23.3
88.5
1.4
32.6
89.1
1.6
43.5
89.6
1.8
54.6
90.9
VOUT = 2.5V
VIN
IOUT (mA)
EFFICIENCY (%)
L = 18µH
1.0
38.3
80.0
1.2
54.5
80.2
1.4
74.6
80.5
1.6
98.5
80.8
1.8
124
81.0
L = 33µH
1.0
22.7
84.2
1.2
33.0
85.2
1.4
47.0
86.0
1.6
61.8
86.6
1.8
79.3
87.0
L = 47µH
1.0
16.4
86.2
1.2
24.1
87.1
1.4
33.4
88.1
1.6
46.1
89.0
1.8
58.6
89.5
L = 68µH
1.0
12.6
86.4
1.2
17.4
87.9
1.4
25.2
89.2
1.6
33.9
90.1
1.8
43.8
90.9
VOUT = 3V
VIN
IOUT (mA)
EFFICIENCY (%)
L = 18µH
1.0
30.9
81.6
1.2
43.8
81.9
1.4
55.4
82.1
1.6
65.6
82.2
1.8
84.4
82.3
L = 33µH
1.0
18.7
85.1
1.2
27.9
85.6
1.4
38.1
86.4
1.6
50.6
86.9
1.8
65.4
87.5
L = 47µH
1.0
13.3
84.7
1.2
19.9
86.5
1.4
27.9
87.7
1.6
36.7
88.5
1.8
47.4
89.1
L = 68µH
1.0
9.2
84.7
1.2
14.0
86.3
1.4
20.5
88.2
1.6
27.6
89.1
1.8
35.7
90.2
Table 1. Typical IOUT and Efficiency vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com