Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6633CS Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML6633CS
Description  High Speed Fiber Optic LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6633CS Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML6633CS Datasheet HTML 1Page - Micro Linear Corporation ML6633CS Datasheet HTML 2Page - Micro Linear Corporation ML6633CS Datasheet HTML 3Page - Micro Linear Corporation ML6633CS Datasheet HTML 4Page - Micro Linear Corporation ML6633CS Datasheet HTML 5Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ML6633
PIN
NAME
DESCRIPTION
1
NC
No Connect
2
ECLP
Positive ECL data input controls signal
to the LED
3
ECLN
Negative ECL data input
4
NC
No Connect
5
GND
Negative power supply ground
PIN
NAME
DESCRIPTION
6
RTSET
Output current programming pin.
Connect a resistor of value 2/ILED from
this pin to ground to set the high LED
output current
7
IOUT
Fiber optic LED drive pin. Connect the
LED between this pin and VCC
8VCC
5V power supply
PIN CONNECTION
PIN DESCRIPTION
ML6633
8-Pin SOIC (S08)
1
2
3
4
8
7
6
5
NC
ECLP
ECLN
NC
VCC
IOUT
RTSET
GND
TOP VIEW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com