Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6633CS Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6633CS
Description  High Speed Fiber Optic LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6633CS Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6633CS Datasheet HTML 1Page - Micro Linear Corporation ML6633CS Datasheet HTML 2Page - Micro Linear Corporation ML6633CS Datasheet HTML 3Page - Micro Linear Corporation ML6633CS Datasheet HTML 4Page - Micro Linear Corporation ML6633CS Datasheet HTML 5Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
September 1998
ML6633
*
High Speed Fiber Optic LED Driver
GENERAL DESCRIPTION
The ML6633 is a high speed fiber optic LED driver suited
for networking applications up to 200 Mbps. The part is
capable of driving up to 82mA of current through a fiber
optic LED from an ECL level input signal. Its efficient
output stage provides a high current that can be
programmed for accurate absolute output level which
insures precise launch power.
The LED driver’s output stage provides a fast well
matched rise and fall time through a unique differential
output stage.
The ML6633 high speed fiber optic LED driver is
implemented in BiCMOS process and is available in an
8-pin SOIC package.
FEATURES
n Data rates up to 200Mbps
n Current driven output for accurate launch power
n Programmable output current from 20mA to 82mA
n High Efficiency Output Stage
n Low EMI/RFI Noise
n ECL inputs
n Industrial temperature version available
n May be used with ML6622 quantizer
APPLICATIONS
n FDDI
n Fast Ethernet, 100BASE-FX
n ATM (SONET), 155Mbps
n Proprietary high-speed fiber optic data links
BLOCK DIAGRAM
*Some Packages Are Obsolete
1
+
BUFFER
–
+
DRIVER
–
IOUT
REF
RTSET
ECLP
ECLN
VCC
GND
6
5
8
3
2
7


Similar Part No. - ML6633CS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
High-Speed Data Quantizer
ML6622CS MICRO-LINEAR-ML6622CS Datasheet
94Kb / 6P
High-Speed Data Quantizer
ML6622IS MICRO-LINEAR-ML6622IS Datasheet
94Kb / 6P
High-Speed Data Quantizer
ML6651 MICRO-LINEAR-ML6651 Datasheet
198Kb / 10P
Auto-Negotiating Media Converter
logo
OKI electronic componet...
ML66517 OKI-ML66517 Datasheet
203Kb / 28P
16-Bit Microcontroller
More results

Similar Description - ML6633CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F5300 PHILIPS-74F5300 Datasheet
81Kb / 10P
Fiber optic LED driver
1989 Dec 13
logo
Micro Linear Corporatio...
ML4632 MICRO-LINEAR-ML4632 Datasheet
173Kb / 8P
Fiber Optic LED Driver
logo
OPTEK Technologies
OPF1402 OPTEK-OPF1402 Datasheet
482Kb / 2P
HIGH SPEED FIBER OPTIC TRANSMITTER
OPF342A OPTEK-OPF342A Datasheet
313Kb / 2P
Fiber Optic GaAlAs High Speed LED
OPF345A OPTEK-OPF345A Datasheet
3Mb / 2P
Fiber Optic GaA lAs High Speed LED
Aug-1996
OPF390A OPTEK-OPF390A Datasheet
3Mb / 2P
Fiber Optic GaA lAs High Speed LED
Aug-1996
OPF395A OPTEK-OPF395A Datasheet
3Mb / 2P
Fiber Optic GaA lAs High Speed LED
Aug-1996
OPF392A OPTEK-OPF392A Datasheet
318Kb / 2P
Fiber Optic GaAIAs High Speed LED
OPF347A OPTEK-OPF347A Datasheet
268Kb / 2P
Fiber Optic GaAIAs High Speed LED
OPF397A OPTEK-OPF397A Datasheet
300Kb / 2P
Fiber Optic gaAIAs High Speed LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com