Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6633CS Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6633CS
Description  High Speed Fiber Optic LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6633CS Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6633CS Datasheet HTML 1Page - Micro Linear Corporation ML6633CS Datasheet HTML 2Page - Micro Linear Corporation ML6633CS Datasheet HTML 3Page - Micro Linear Corporation ML6633CS Datasheet HTML 4Page - Micro Linear Corporation ML6633CS Datasheet HTML 5Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ML6633
FUNCTIONAL DESCRIPTION
The ML6633 accepts ECL input signals and generates a
high speed, high accuracy output current which is
independent of supply voltage variations. The output
current is programmable up to 82mA.
The ECL input stage is a standard NPN differential pair
with a common mode range of between 1V and 4.5V with
a +5V supply. With this common mode range it is possible
to convert the ECL inputs into TTL. If the ECLN input is
biased up to the TTL switching level, the ECLP pin can be
driven by a TTL or CMOS output. Figure 1b shows a circuit
implementing this technique. This circuit may degrade
pulse width distortion and should be checked for
acceptable performance in this configuration.
Output current to the LED is set by connecting the
appropriate resistance from RTSET to ground. The high
level output voltage at RTSET will be 2.0V. The current in
the external resistor will be equal to the current through
the LED. The output current with RTSET set to 26.1Wwill
be:
IHIGH
V
RTSET
LED () =
2
(1)
IHIGH
V
mA
LED ()
.
==
2
26 1
75
Ω
Figure 1. Typical Applications
VCC
IOUT
RTSET
GND
5V
VIN+
VIN–
ECLP
ECLN
a) IOUT = 75mA
b) ECL-to-TTL Conversion
5V
5V
NC
NC
VCC
IOUT
RTSET
GND
5V
TTLIN
ECLP
ECLN
5V
NC
NC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com