Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6633CS Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6633CS
Description  High Speed Fiber Optic LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6633CS Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6633CS Datasheet HTML 1Page - Micro Linear Corporation ML6633CS Datasheet HTML 2Page - Micro Linear Corporation ML6633CS Datasheet HTML 3Page - Micro Linear Corporation ML6633CS Datasheet HTML 4Page - Micro Linear Corporation ML6633CS Datasheet HTML 5Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ML6633
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 5V ± 5%, RTSET = 26.1Ω ± 1%, TA = Operating Temperature Range, (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Supply Current
40+IOUT
mA
ILEDH
LED Current Accuracy (IOUT) High
C Suffix
70
75
82
mA
I Suffix
65
75
82
mA
ILEDL
Low
0.1
mA
tR
Rise Time (IOUT)
2ns
tF
Fall Time (IOUT)
2ns
tPLH
Propagation Delay (IOUT)
Low to High
10
ns
tPHL
High to Low
10
ns
tPWD
Pulse Width Distortion (IOUT)
0.5
ns
IECL
ECL Input Current
20
µA
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC ..................................................... GND –0.3V to 6V
Input Pin Voltages .................... GND –0.3V to VCC +0.3V
LED Output Current (IOUT) .................................... 82mA
Peak DC Output Current (IOUT) ............................. 82mA
Storage Temperature .............................. –65°C to +150ºC
Lead Temperature (Soldering 10 sec) ....................... 260ºC
Thermal Resistance (
θJA) ................................... 160ºC/W
OPERATING CONDITIONS
Temperature Range
ML6633CS .................................................... 0ºC to 70ºC
ML6633IS.................................................. –40ºC to 85ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com