Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DR Datasheet(PDF) 16 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DR
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DR Datasheet HTML 12Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 13Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 14Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 15Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 16Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 17Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 18Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 19Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
16
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Output Data Format
Note:
The AR0130 uses column parallel analog-digital converters; thus short line timing is not possible.
The minimum total line time is 1390 columns (horizontal width + horizontal blanking). The mini-
mum horizontal blanking is 110.
Exposure
Total integration time is the result of Coarse_Integration_Time and Fine_Integration_-
Time registers, and depends also on whether manual or automatic exposure is selected.
The actual total integration time, tINT is defined as:
tINT = tINTCoarse - 410 - tINTFine
(EQ 2)
= (number of lines of integration x line time) - (410 pixel clocks of conversion time over-
head) - (number of pixels of integration x pixel time)
where:
– Number of Lines of Integration (Auto Exposure Control: Enabled)
When automatic exposure control (AEC) is enabled, the number of lines of integra-
tion may vary from frame to frame, with the limits controlled by R0x311E (mini-
mum auto exposure time) and R0x311C (maximum auto exposure time).
– Number of Lines of Integration (Auto Exposure Control: Disabled)
If AEC is disabled, the number of lines of integration equals the value in R0x3012
(context A) or R0x3016 (context B).
– Number of Pixels of Integration
The number of fine shutter width pixels is independent of AEC mode (enabled or
disabled):
• Context A: the number of pixels of integration equals the value in R0x3014.
• Context B: the number of pixels of integration equals the value in R0x3018.
Typically, the value of the Coarse_Integration_Time register is limited to the number of
lines per frame (which includes vertical blanking lines), such that the frame rate is not
affected by the integration time. For more information on coarse and fine integration
time settings limits, please refer to the Register Reference document.
Table 5:
Frame Time: Long Integration Time
Parameter
Name
Equation
(Number of Pixel Clock Cycles)
Default Timing
at 74.25 MHz
F’
Total frame time (long
integration time)
Context A: (R0x3012 x (A + Q)) + R0x3014 + P1 + P2
Context B: (R0x3016 x (A + Q)) + V R0x3018 + P1 + P2
3,300,012 pixel clocks
= 44.44ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com