Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DR Datasheet(PDF) 28 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DR
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DR Datasheet HTML 24Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 25Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 26Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 27Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 28Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 29Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 30Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 31Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
28
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Features
Embedded Statistics
The embedded statistics contain frame identifiers and histogram information of the
image in the frame. This can be used by downstream auto-exposure algorithm blocks to
make decisions about exposure adjustment.
This histogram is divided into 244 bins with a bin spacing of 64 evenly spaced bins for
digital code values 0 to 212, 120 evenly spaced bins for values 212 to 216, 60 evenly spaced
bins for values 216 to 220.
The first pixel of each line in the embedded statistics is a tag value of 0x0B0. This signi-
fies that all subsequent statistics data is 10 bit data aligned to the MSB of the 12-bit pixel.
The figure below summarizes how the embedded statistics transmission looks like. It
should be noted that data, as shown in Figure 19, is aligned to the msb of each word:
Figure 19:
Format of Embedded Statistics Output within a Frame
The statistics embedded in these rows are as follows:
Line 1:
• 0x0B0 - identifier
• Register 0x303A - frame_count
• Register 0x31D2 - frame ID
• Histogram data - histogram bins 0-243
Line 2:
•0x0B0 (identifier)
•Mean
•Histogram Begin
•Histogram End
•Low End Histogram Mean
• Percentage of Pixels Below Low End Mean
• Normal Absolute Deviation
lowEndMean
[19:10]
stats line 1
stats line 2
histogram
bin1 [9:0]
#words =
10’h1EC
{2’b00, frame
_count MSB}
{2’b00, frame
_ID MSB}
{2’b00, frame
_ID LSB}
histogram
bin0 [19:10]
histogram
bin0 [9:0]
histogram
bin1 [19:10]
data_format_
code =8'h0B
#words =
10’h1C
mean [ 19:10]
mean [9:0]
hist_begin
[19:10]
hist_begin
[9:10]
8'h07
data_format_
code =8'h0B
{2’b00, frame
_count LSB}
8'h07
histogram
bin243 [19:10]
histogram
bin243 [9:0]
8'h07
hist_end
[19:10]
hist_end
[9:10]
lowEndMean
[9:0]
perc_lowEnd
[19:10]
perc_lowEnd
[9:0]
norm_abs_dev
[19:10]
lnorm_abs_dev
[9:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com